Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA112 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA112
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA112 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA112 Datasheet HTML 1Page - Texas Instruments TPA112 Datasheet HTML 2Page - Texas Instruments TPA112 Datasheet HTML 3Page - Texas Instruments TPA112 Datasheet HTML 4Page - Texas Instruments TPA112 Datasheet HTML 5Page - Texas Instruments TPA112 Datasheet HTML 6Page - Texas Instruments TPA112 Datasheet HTML 7Page - Texas Instruments TPA112 Datasheet HTML 8Page - Texas Instruments TPA112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 150-mW Stereo Output
D Wide Range of Supply Voltages
– Fully Specified for 3.3 V and 5 V
Operation
– Operational From 2.5 V to 5.5 V
D Thermal and Short-Circuit Protection
D Surface Mount Packaging
– PowerPAD
™ MSOP
– SOIC
D Standard Operational Amplifier Pinout
description
The TPA112 is a stereo audio power amplifier packaged in an 8-pin PowerPAD
™ MSOP package capable of
delivering 150 mW of continuous RMS power per channel into 8-
Ω loads. Amplifier gain is externally configured
by means of two resistors per input channel and does not require external compensation for settings of 1 to 10.
THD+N when driving an 8-
Ω load from 5 V is 0.1% at 1 kHz, and less than 2% across the audio band of 20 Hz
to 20 kHz. For 32-
Ω loads, the THD+N is reduced to less than 0.06% at 1 kHz, and is less than 1% across the
audio band of 20 Hz to 20 kHz. For 10-k
Ω loads, the THD+N performance is 0.01% at 1 kHz, and less than 0.02%
across the audio band of 20 Hz to 20 kHz.
functional block diagram
Short-Circuit
Protection
Over-Temperature
Protection
VDD
8
VDD
IN1–
IN1+
IN2–
IN2+
2
3
6
5
VO1
1
VO2
7
4
RF
RF
RF
RI
RI
RI
RI
VDD/2
CI
CI
CI
CI
LIN–
LIN+
RIN–
RIN+
RF
RO
RO
RC
RC
CC
CC
To Headphone
Jack
(See TPA152)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
VO1
IN1–
IN1+
GND
VDD
VO2
IN2–
IN2+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Podobny numer części - TPA112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA112 TI1-TPA112 Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112D TI1-TPA112D Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGN TI1-TPA112DGN Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGNR TI1-TPA112DGNR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DR TI1-TPA112DR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com