Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2001D2 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2001D2
Szczegółowy opis  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D2 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA2001D2 Datasheet HTML 5Page - Texas Instruments TPA2001D2 Datasheet HTML 6Page - Texas Instruments TPA2001D2 Datasheet HTML 7Page - Texas Instruments TPA2001D2 Datasheet HTML 8Page - Texas Instruments TPA2001D2 Datasheet HTML 9Page - Texas Instruments TPA2001D2 Datasheet HTML 10Page - Texas Instruments TPA2001D2 Datasheet HTML 11Page - Texas Instruments TPA2001D2 Datasheet HTML 12Page - Texas Instruments TPA2001D2 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 3. TPA2001D2 Evaluation Bill of Materials
REFERENCE
DESCRIPTION
SIZE
QUANTITY
MANUFACTURER
PART NUMBER
C1–4,
C17–21
Capacitor, ceramic chip, 0.1
µF, ±10%, X7R, 50 V
0805
9
Kemet
C0805C104K5RAC
C5
Capacitor, ceramic, 1.0
µF, +80%/–20%, Y5V, 16 V
0805
1
Murata
GRM40-Y5V105Z16
C6, C8
Capacitor, ceramic, 10
µF, +80%/–20%, Y5V, 16 V
1210
2
Murata
GRM235-Y5V106Z16
C7
Capacitor, ceramic, 220 pF,
±10%, XICON, 50 V
0805
2
Mouser
140–CC501B221K
R2, R1†,
R3†, R4†
Resistor, chip, 120 k
Ω, 1/10 W, 5%, XICON
0805
2
Mouser
260–120K
U1
IC, TPA2001D2, audio power amplifier, 2-W,
2-channel, class-D
24 pin
TSSOP
1
TI
TPA2001D2PWP
† These components are used in the EVM, but they are not required for normal applications.


Podobny numer części - TPA2001D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWP TI-TPA2001D2PWP Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPR TI-TPA2001D2PWPR Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPRG4 TI-TPA2001D2PWPRG4 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2001D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com