Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA701D Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA701D
Szczegółowy opis  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA701D Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA701D Datasheet HTML 2Page - Texas Instruments TPA701D Datasheet HTML 3Page - Texas Instruments TPA701D Datasheet HTML 4Page - Texas Instruments TPA701D Datasheet HTML 5Page - Texas Instruments TPA701D Datasheet HTML 6Page - Texas Instruments TPA701D Datasheet HTML 7Page - Texas Instruments TPA701D Datasheet HTML 8Page - Texas Instruments TPA701D Datasheet HTML 9Page - Texas Instruments TPA701D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229B – NOVEMBER1998 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
600
400
200
0
2.5
3.5
3
4
5.5
1000
4.5
5
800
THD+N 1%
f = 1 kHz
BTL
RL = 32 Ω
RL = 8 Ω
Figure 5
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
300
200
100
0
16
32
24
40
64
800
8
48
56
400
THD+N = 1%
f = 1 kHz
BTL
VDD = 5 V
500
600
VDD = 3.3 V
700
Figure 6


Podobny numer części - TPA701D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA701D TI-TPA701D Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DG4 TI-TPA701DG4 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGN TI-TPA701DGN Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGNG4 TI-TPA701DGNG4 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGNR TI-TPA701DGNR Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA701D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com