Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC6596 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC6596
Szczegółowy opis  POWER LOGIC 8-BIT SHIFT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC6596 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPIC6596 Datasheet HTML 2Page - Texas Instruments TPIC6596 Datasheet HTML 3Page - Texas Instruments TPIC6596 Datasheet HTML 4Page - Texas Instruments TPIC6596 Datasheet HTML 5Page - Texas Instruments TPIC6596 Datasheet HTML 6Page - Texas Instruments TPIC6596 Datasheet HTML 7Page - Texas Instruments TPIC6596 Datasheet HTML 8Page - Texas Instruments TPIC6596 Datasheet HTML 9Page - Texas Instruments TPIC6596 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPIC6596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS096 – APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.25 A
IF
0
IRM
25% of IRM
ta
trr
di/dt = 20 A/
µs
+
2500
µF
250 V
L = 1 mH
IF
(see Note B)
RG
VGG
(see Note A)
Driver
TP A
50
Circuit
Under
Test
DRAIN
25 V
t1
t3
t2
TP K
TEST CIRCUIT
CURRENT WAVEFORM
NOTES: A. The VGG amplitude and RG are adjusted for di/dt = 20 A/µs. A VGG double-pulse train is used to set IF = 0.25 A,
where t1 = 10 µs, t2 = 7 µs, and t3 = 3 µs.
B. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the
TP A test point.
Figure 3. Reverse-Recovery-Current Test Circuit and Waveforms of Source-Drain Diode
15 V
0.11
100 mH
SINGLE-PULSE AVALANCHE ENERGY TEST CIRCUIT
tw
tav
IAS = 1 A
V(BR)DSX = 45 V
VOLTAGE AND CURRENT WAVEFORMS
Input
ID
VDS
See Note B
VCC
DRAIN
LGND
SRCLR
SER IN
G
SRCK
RCK
Word
Generator
(see Note A)
DUT
PGND
5 V
VDS
ID
2
8
13
3
12
9
19
1, 10, 11, 20
4 –7,
14 –17
5 V
0 V
MIN
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration, tw, is increased until peak current IAS = 1 A.
Energy test level is defined as EAS = IAS × V(BR)DSX × tav/2 = 75 mJ, where tav = avalanche time.
Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms


Podobny numer części - TPIC6596

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6596 TI1-TPIC6596 Datasheet
595Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596DWG4 TI1-TPIC6596DWG4 Datasheet
595Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596DWRG4 TI1-TPIC6596DWRG4 Datasheet
595Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596N TI1-TPIC6596N Datasheet
595Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Podobny opis - TPIC6596

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com