Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC6B595N Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC6B595N
Szczegółowy opis  POWER LOGIC 8-BIT SHIFT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B595N Arkusz danych(HTML) 1 Page - Texas Instruments

  TPIC6B595N Datasheet HTML 1Page - Texas Instruments TPIC6B595N Datasheet HTML 2Page - Texas Instruments TPIC6B595N Datasheet HTML 3Page - Texas Instruments TPIC6B595N Datasheet HTML 4Page - Texas Instruments TPIC6B595N Datasheet HTML 5Page - Texas Instruments TPIC6B595N Datasheet HTML 6Page - Texas Instruments TPIC6B595N Datasheet HTML 7Page - Texas Instruments TPIC6B595N Datasheet HTML 8Page - Texas Instruments TPIC6B595N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPIC6B595
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS032 – JULY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) ...5 Ω Typical
D Avalanche Energy ...30 mJ
D Eight Power DMOS-Transistor Outputs of
150-mA Continuous Current
D 500-mA Typical Current-Limiting Capability
D Output Clamp Voltage . . . 50 V
D Devices Are Cascadable
D Low Power Consumption
description
The TPIC6B595 is a monolithic, high-voltage,
medium-current
power
8-bit
shift
register
designed for use in systems that require relatively
high load power. The device contains a built-in
voltage clamp on the outputs for inductive
transient protection. Power driver applications
include relays, solenoids, and other medium-
current or high-voltage loads.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the
shift-register clock (SRCK) and the register clock
(RCK),
respectively.
The
storage
register
transfers data to the output buffer when shift-
register clear (SRCLR) is high. When SRCLR is
low, the input shift register is cleared. When output
enable (G) is held high, all data in the output
buffers is held low and all drain outputs are off.
When G is held low, data from the storage register
is transparent to the output buffers. When data in
the output buffers is low, the DMOS-transistor
outputs are off. When data is high, the DMOS-
transistor outputs have sink-current capability.
The serial output (SER OUT) allows for cascading
of the data from the shift register to additional
devices.
Outputs are low-side, open-drain DMOS transistors with output ratings of 50 V and 150-mA continuous sink-
current capability. Each output provides a 500-mA typical current limit at TC = 25°C. The current limit decreases
as the junction temperature increases for additional device protection.
The TPIC6B595 is characterized for operation over the operating case temperature range of – 40
°C to 125°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
SRCLR
G
GND
NC
GND
SER OUT
DRAIN7
DRAIN6
DRAIN5
DRAIN4
SRCK
RCK
GND
DW OR N PACKAGE
(TOP VIEW)
logic symbol
2
SRG8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
9
12
8
13
3
EN3
C2
R
C1
1D
G
RCK
SRCLR
SRCK
SER IN
4
6
5
14
7
16
15
18
17
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2
NC – No internal connection


Podobny numer części - TPIC6B595N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6B595N TI1-TPIC6B595N Datasheet
808Kb / 15P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595N TI1-TPIC6B595N Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results

Podobny opis - TPIC6B595N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com