Zakładka z wyszukiwarką danych komponentów |
|
LC872G06A Arkusz danych(PDF) 11 Page - Sanyo Semicon Device |
|
LC872G06A Arkusz danych(HTML) 11 Page - Sanyo Semicon Device |
11 / 27 page LC872G08A/06A/04A No.A1400-11/27 Absolute Maximum Ratings at Ta = 25 °C, VSS1 =0V Specification Parameter Symbol Pin/Remarks Conditions VDD[V] min typ max unit Maximum supply voltage VDD max VDD1 -0.3 +6.5 Input voltage VI CF1, CF2 -0.3 VDD+0.3 Input/output voltage VIO Ports 0, 1, 2, P70 -0.3 VDD+0.3 V Peak output current IOPH Ports 0, 1, 2 CMOS output select Per 1 applicable pin -10 Mean output current (Note 1-1) IOMH Ports 0, 1, 2 CMOS output select Per 1 applicable pin -7.5 ΣIOAH(1) P10 to P14 Total of all applicable pins -20 ΣIOAH(2) Ports 0, 2 P15 to P17 Total of all applicable pins -20 Total output current ΣIOAH(3) Ports 0, 1, 2 Total of all applicable pins -25 IOPL(1) P02 to P07 Ports 1, 2 Per 1 applicable pin 20 IOPL(2) P00, P01 Per 1 applicable pin 30 Peak output current IOPL(3) P70 Per 1 applicable pin 10 IOML(1) P02 to P07 Ports 1, 2 Per 1 applicable pin 15 IOML(2) P00, P01 Per 1 applicable pin 20 Mean output current (Note 1-1) IOML(3) P70 Per 1 applicable pin 7.5 ΣIOAL(1) P10 to P14 Total of all applicable pins 50 ΣIOAL(2) Port 0, 2, P15 to P17 Total of all applicable pins 60 ΣIOAL(3) Ports 0, 1, 2 Total of all applicable pins 70 Total output current ΣIOAL(4) P70 Total of all applicable pins 7.5 mA Pd max(1) Ta=-40 to +85 °C Package only 129 Pd max(2) MFP24S(300mil) Ta=-40 to +85 °C Package with thermal resistance board (Note 1-2) 229 Pd max(3) Ta=-40 to +85 °C Package only 111 Power Dissipation Pd max(4) SSOP24(225mil) Ta=-40 to +85 °C Package with thermal resistance board (Note 1-2) 334 mW Operating ambient temperature Topr -40 +85 Storage ambient temperature Tstg -55 +125 °C Note 1-1: The mean output current is a mean value measured over 100ms. Note 1-2: SEMI standards thermal resistance board (size: 76.1 ×114.3×1.6tmm, glass epoxy) is used. |
Podobny numer części - LC872G06A |
|
Podobny opis - LC872G06A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |