Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSD-842 Arkusz danych(PDF) 1 Page - Premier Magnetics, Inc.

Numer części TSD-842
Szczegółowy opis  ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PMI [Premier Magnetics, Inc.]
Strona internetowa  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-842 Arkusz danych(HTML) 1 Page - Premier Magnetics, Inc.

  TSD-842 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-842 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
14
A8DB101150
1:1
32
1.5
2.8
7.0
.15
.20
2000
D8DB101150
1:1
32
1.5
2.8
7.0
.15
.20
2000
D8CB101150
1:1
32
1.5
2.8
7.0
.15
.20
500
A8DB101170
1:1
40
1.7
3.0
8.0
.15
.25
2000
D8DB101170
1:1
40
1.7
3.0
8.0
.15
.25
2000
D8CB101170
1:1
40
1.7
3.0
8.0
.15
.25
500
A8DB101190
1:1
50
1.9
3.0
8.0
.20
.25
2000
D8DB101190
1:1
50
1.9
3.0
8.0
.20
.25
2000
D8CB101190
1:1
50
1.9
3.0
8.0
.20
.25
500
A8DB101240
1:1
75
2.4
3.2
9.0
.20
.30
2000
D8DB101240
1:1
75
2.4
3.2
9.0
.20
.30
2000
D8CB101240
1:1
75
2.4
3.2
9.0
.20
.30
500
A8DB101270
1:1
100
2.7
3.4
10.0
.25
.30
2000
D8DB101270
1:1
100
2.7
3.4
10.0
.25
.30
2000
D8CB101270
1:1
100
2.7
3.4
10.0
.25
.30
500
A8DB101330
1:1
150
3.3
3.5
12.0
.25
.30
2000
D8DB101330
1:1
150
3.3
3.5
12.0
.25
.30
2000
D8CB101330
1:1
150
3.3
3.5
12.0
.25
.30
500
D8DB101350
1:1
200
3.5
3.5
14.0
.30
.30
2000
D8CB101350
1:1
200
3.5
3.5
14.0
.30
.30
500
D8DB101370
1:1
250
3.7
3.6
16.0
.35
.30
2000
D8CB101370
1:1
250
3.7
3.6
16.0
.35
.30
500
ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
FEATURES
Ê Designed to meet IEEE 802.3 (10 Base 2, 10 Base 5)
Í Fast Rise Times
Ë Low Profile DIP or SMD Package
Î 500 or 2000Vrms Minimum Isolation
Ì Low Leakage Inductance and Winding Capacitance
Ï Triple Core Package
PRIMARY
OCL
(µµµµµH ± 20%)
DCR
(Ohms Max.)
HIPOT
Vrms Min.
PRIMARY
ET CONSTANT
(V-µµµµµsec Min.)
PRI / SEC
L
L
(µµµµµH Max.)
PRI-SEC
Cw/w
(pf Max.)
RISE
TIME
(ns Max.)
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
TURNS
RATIO
(± 5%)
PART
NUMBER
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
NOTE: For Gull Wing Package Change "D8" to "G8"
"D8" PACKAGE
SCHEMATIC DIAGRAM "B"
"G8" PACKAGE
"A8" PACKAGE
.300
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.120
(3.05)
MIN
.200
(5.08)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
.200
(5.08)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
FLAT
.010
(0.25)
TYP
.425 (10.80)
.390 (9.90)
.030 (0.76)
.020 (0.51)
.008R
(0.20)
.280
(7.11)
MAX
9
12
16
15
7
15
13
10
4
28
PRI.
SEC.
SEC.
SEC.
PRI.
PRI.
3
14
11
6
.900
(22.86)
MAX
.100
(2.54)
.120
(3.05)
MIN
.250
(6.35)
MAX
.700
(17.78)
.020
(0.51)
.400
(12.70)
MAX
.300
(7.62)
DIA
PIN#1
DOT


Podobny numer części - TSD-842

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Premier Magnetics, Inc.
TSD-841 PMI-TSD-841 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
TSD-843 PMI-TSD-843 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-844 PMI-TSD-844 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-845 PMI-TSD-845 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-849 PMI-TSD-849 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
More results

Podobny opis - TSD-842

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
PCA ELECTRONICS INC.
EP9547-1 PCA-EP9547-1 Datasheet
81Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1473J-1 PCA-EPA1473J-1 Datasheet
56Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531G-1 PCA-EP9531G-1 Datasheet
92Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1885-1 PCA-EPA1885-1 Datasheet
24Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531-1 PCA-EP9531-1 Datasheet
21Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9547G-1 PCA-EP9547G-1 Datasheet
87Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
logo
Advanced Micro Devices
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
   Ethernet/Cheapernet Transceiver Evaluation Kit
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
   IEEE 802.3/Ethernet/Cheapernet Transceiver
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com