Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P29IRGCT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62P29IRGCT
Szczegółowy opis  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62P29IRGCT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS62P29IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 11Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 12Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 13Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 14Page - Texas Instruments ADS62P29IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
www.ti.com............................................................................................................................................................. SLAS635A – APRIL 2009 – REVISED JUNE 2009
TIMING REQUIREMENTS – LVDS AND CMOS MODES (continued)
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, sampling frequency = 250 MSPS, sine wave input clock, 1.5 Vpp
clock amplitude, CLOAD = 5pF , RLOAD = 100Ω , (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.7V to
1.9V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output buffer enable (OE)
tOE
Time to valid data after output buffer becomes active
100
ns
to data delay
Table 1. LVDS Timings at Lower Sampling Frequencies
Setup Time, ns
Hold Time, ns
Sampling Frequency, MSPS
MIN
TYP
MAX
MIN
TYP
MAX
210
0.75
1.1
0.75
1.15
185
0.9
1.25
0.85
1.25
153
1.15
1.55
1.1
1.5
125
1.6
2
1.45
1.85
< 100
2
2
Enable LOW SPEED mode
tPDI, ns
1
≤ Fs ≤ 100
MIN
TYP
MAX
Enable LOW SPEED mode
12.6
Table 2. CMOS Timings at Lower Sampling Frequencies
Timings Specified With Respect to Input Clock
Sampling Frequency, MSPS
tSTART, ns
Data Valid time, ns
MIN
TYP
MAX
MIN
TYP
MAX
210
2.5
1.7
2.7
190
1.9
2
3
170
0.9
2.7
3.7
150
6
3.6
4.6
Timings Specified With Respect to CLKOUT
Sampling Frequency, MSPS
Setup Time, ns
Hold Time, ns
MIN
TYP
MAX
MIN
TYP
MAX
170
2.1
3.7
0.35
1.0
150
2.8
4.4
0.5
1.2
125
3.8
5.4
0.8
1.5
<100
5
1.2
Enable LOW SPEED mode
tPDI, ns
1
≤ Fs ≤ 100
MIN
TYP
MAX
Enable LOW SPEED mode
9
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Podobny numer części - ADS62P29IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P29IRGCT TI-ADS62P29IRGCT Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS62P29IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com