Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1675IPAG Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1675IPAG
Szczegółowy opis  4MSPS, 24-Bit Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1675IPAG Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1675IPAG Datasheet HTML 2Page - Texas Instruments ADS1675IPAG Datasheet HTML 3Page - Texas Instruments ADS1675IPAG Datasheet HTML 4Page - Texas Instruments ADS1675IPAG Datasheet HTML 5Page - Texas Instruments ADS1675IPAG Datasheet HTML 6Page - Texas Instruments ADS1675IPAG Datasheet HTML 7Page - Texas Instruments ADS1675IPAG Datasheet HTML 8Page - Texas Instruments ADS1675IPAG Datasheet HTML 9Page - Texas Instruments ADS1675IPAG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADS1675
SBAS416B – DECEMBER 2008 – REVISED JUNE 2009 .................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS (continued)
PIN
NAME
NO.
FUNCTION
DESCRIPTION
Serial interface select.(1)
LVDS
30
Digital input
If LVDS = '0', then interface is LVDS-compatible.
If LVDS = '1', then interface is CMOS-compatible.
Configure Low-Latency digital filter.(1)
LL_CONFIG
32
Digital input
If LL_CONFIG = '0', then single-cycle settling is selected.
If LL_CONFIG = '1', then fast-response is selected.
Digital filter path selection.
FPATH
33
Digital input
If FPATH = '0', then path is Wide-Bandwidth.
If FPATH = '1', then path is Low-Latency.
DRATE[2:0]
34-36
Digital input
Data rate selection
START
37
Digital input
Start convert, reset, and synchronization control input
CS
38
Digital input
Chip select; active low
OTRD
39
Digital output
Digital filter out-of-range indicator
OTRA
40
Digital input
Analog input out-of-range indicator
Negative shift clock output.
SCLK
41
Digital output
If SCLK_SEL = '0', then SCLK is the complementary shift clock output.
If SCLK_SEL = '1', then SCLK always output is 3-state.
Positive shift clock output.
SCLK
42
Digital input/output
If SCLK_SEL = '0', then SCLK is an output.
If SCLK_SEL = '1', then SCLK is an input.
DOUT
43
Digital output
Negative LVDS serial data output
DOUT
44
Digital output
Positive LVDS serial data output
DRDY
45
Digital output
Negative data ready output
DRDY
46
Digital output
Positive data ready output
CLK
55
Digital input
Master clock input
CAP1
59
Analog
Terminal for 1
µF external bypass capacitor
VREFN
60, 61
Analog
Negative reference voltage. Short to analog ground
CAP2
62
Analog
Terminal for 1
µF external bypass capacitor
VREFP
63, 64
Analog
Positive reference voltage
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1675


Podobny numer części - ADS1675IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675IPAG TI-ADS1675IPAG Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI1-ADS1675IPAG Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1675IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com