Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1675IPAG Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1675IPAG
Szczegółowy opis  4MSPS, 24-Bit Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1675IPAG Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1675IPAG Datasheet HTML 5Page - Texas Instruments ADS1675IPAG Datasheet HTML 6Page - Texas Instruments ADS1675IPAG Datasheet HTML 7Page - Texas Instruments ADS1675IPAG Datasheet HTML 8Page - Texas Instruments ADS1675IPAG Datasheet HTML 9Page - Texas Instruments ADS1675IPAG Datasheet HTML 10Page - Texas Instruments ADS1675IPAG Datasheet HTML 11Page - Texas Instruments ADS1675IPAG Datasheet HTML 12Page - Texas Instruments ADS1675IPAG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CLK
DRDY
t
LSCLK
SCLK
EXTERNAL
t
LDRPW
t
CLKDR
t
CSSC
t
CSFDO
t
SPW
t
SPW
t
LDOPD
t
CSRDO
DOUT
CS
(1)
MSB
LSB
t
CLK
t
LSCLKDR
Hi-Z
TIMING REQUIREMENTS: External SCLK
START
DRDY
CLK
t
START_CLKR
t
SETTLE
t
START
t
CLKDR
TIMING REQUIREMENTS: START
ADS1675
www.ti.com .................................................................................................................................................. SBAS416B – DECEMBER 2008 – REVISED JUNE 2009
(1)
CS may be tied low.
Figure 4. Low-Speed Mode Data Retrieval Timing with External SCLK (SCLK_SEL = 1)
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
31.25
ns
tCLKDR
CLK to DRDY delay
23
29
ns
tLDRPW
DRDY pulse width
1
tCLK
tCSSC
CS active low to first Shift Clock (setup time)
5
ns
tLSCLK
SCLK period (1/fSCLK)
25
ns
tSPW
SCLK high or low pulse width
12
ns
tLDOPD
Rising edge of SCLK to new valid data output (propagation delay)
10.5
15
ns
tLSCLKDR
Setup time of DRDY rising after SCLK falling edge
3
tCLK
tCSRDO
CS rising edge to DOUT 3-state
8
ns
Figure 5. START Timing(1)
(1)
Not available in high-speed mode.
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tSTART_CLKR
Setup time, rising edge of START to rising edge of CLK
0.5
tCLK
tSTART
Start pulse width
2
tCLK
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1675


Podobny numer części - ADS1675IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675IPAG TI-ADS1675IPAG Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI1-ADS1675IPAG Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1675IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com