Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8254IRGCR Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS8254IRGCR
Szczegółowy opis  16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8254IRGCR Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS8254IRGCR Datasheet HTML 1Page - Texas Instruments ADS8254IRGCR Datasheet HTML 2Page - Texas Instruments ADS8254IRGCR Datasheet HTML 3Page - Texas Instruments ADS8254IRGCR Datasheet HTML 4Page - Texas Instruments ADS8254IRGCR Datasheet HTML 5Page - Texas Instruments ADS8254IRGCR Datasheet HTML 6Page - Texas Instruments ADS8254IRGCR Datasheet HTML 7Page - Texas Instruments ADS8254IRGCR Datasheet HTML 8Page - Texas Instruments ADS8254IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADS8254
www.ti.com................................................................................................................................................................................................... SLAS643 – MARCH 2009
SPECIFICATIONS (continued)
TA = –40°C to 85°C, VCC = 5 V, VEE =–5 V, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 4 V, fSAMPLE = 1 MSPS (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADS8254I
95.2
VIN = 4 Vpp at 2 kHz
dB
ADS8254IB
95.2
ADS8254I
94.5
Signal to noise + distortion
VIN = 4 Vpp at 10 kHz
dB
(SINAD)
ADS8254IB
94.5
ADS8254I
92.2
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8254IB
93.4
ADS8254I
120
VIN = 4 Vpp at 2 kHz
dB
ADS8254IB
120
ADS8254I
106
Spurious free dynamic
VIN = 4 Vpp at 10 kHz
dB
range (SFDR)
ADS8254IB
106
ADS8254I
101
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8254IB
101
–3dB Small signal bandwidth
8
MHz
VOLTAGE REFERENCE INPUT (REFIN)
Reference voltage at REFIN, Vref
3.0
4.096
+VA – 0.8
V
Reference input current(5)
1
1
µA
INTERNAL REFERENCE OUTPUT (REFOUT)
Internal reference start-up time
From 95% (+VA), with 1-
µF storage capacitor
120
ms
Reference voltage range, Vref
4.081
4.096
4.111
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V ~ 5.25 V
60
µV
Drift
IO = 0
±6
PPM/°C
BUFFERED REFERENCE OUTPUT (BUF-REF)
Output current
REFIN = 4V, at 85°C
70
mA
REFERENCE/2 OUTPUT (VCMO)
Output current
REFIN = 4V, at +85°C
50
µA
ANALOG MULTIPLEXER
Number of channels
8
Channel to channel crosstalk
100 kHz i/p
–95
dB
Auto sequencer with selection of channel count OR
Channel selection
Manual selection through control lines
DIGITAL INPUT-OUTPUT
ADC CONTROL PINS
Logic Family-CMOS
VIH
IIH = 5 µA
+VBD–1
+VBD + 0.3
V
VIL
IIL = 5 µA
0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD–6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
MULTIPLEXER CONTROL PINS
Logic Family - CMOS
IIH
IIH = 5 µA
2.3
+VA +0.3
V
Logic Level
IIL
IIL = 5 µA
–0.3
0.8
V
POWER CONTROL PINS
Logic Family - CMOS
VIH
IIH = 5 µA
2.3
+VA +0.3
V
Logic Level
VIL
IIL = 5 µA
–0.3
0.8
V
(5)
Can vary ±20%
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS8254


Podobny numer części - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825E TI1-ADS825E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com