Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8254IRGCR Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS8254IRGCR
Szczegółowy opis  16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8254IRGCR Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS8254IRGCR Datasheet HTML 1Page - Texas Instruments ADS8254IRGCR Datasheet HTML 2Page - Texas Instruments ADS8254IRGCR Datasheet HTML 3Page - Texas Instruments ADS8254IRGCR Datasheet HTML 4Page - Texas Instruments ADS8254IRGCR Datasheet HTML 5Page - Texas Instruments ADS8254IRGCR Datasheet HTML 6Page - Texas Instruments ADS8254IRGCR Datasheet HTML 7Page - Texas Instruments ADS8254IRGCR Datasheet HTML 8Page - Texas Instruments ADS8254IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS8254
www.ti.com................................................................................................................................................................................................... SLAS643 – MARCH 2009
16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC
DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
• Medical Imaging/CT Scanners
• 1.0-MHz Sample Rate, Zero Latency at Full
Speed
• Automated Test Equipment
• High-Speed Data Acquisition Systems
• 16-Bit Resolution
• High-Speed Closed-Loop Systems
• Supports Pseudo-Bipolar Differential Input
Range: -4 V to +4 V with 2-V Common-Mode
• Built-In Four Channel, Differential Ended
Multiplexer; with Channel Count Selection and
The
ADS8254
is
a
high-performance
analog
Auto/Manual Mode
system-on-chip (SoC) device with an 16-bit, 1-MSPS
A/D converter, 4-V internal reference, an on-chip
• On-Board Differential ADC Driver (OPA)
ADC driver (OPA), and a 4-channel differential
• Buffered Reference Output to Level Shift
multiplexer. The channel count of the multiplexer and
Bipolar ±4-V Input with External Resistance
auto/manual scan modes of the device are user
Divider
selectable.
• Reference/2 Output to Set Common-Mode for
The ADC driver is designed to leverage the very high
External Signal Conditioner
noise performance of the differential ADC at optimum
• 16-/8-Bit Parallel Interface
power usage levels.
• SNR: 95.4dB Typ at 2-kHz I/P
The ADS8254 outputs a buffered reference signal for
level shifting of a ±4-V bipolar signal with an external
• THD: –118dB Typ at 2-kHz I/P
resistance divider. A Vref/2 output signal is available
• Power Dissipation: 331.25 mW at 1 MSPS
to set the common-mode of a signal conditioning
• Internal Reference
circuit. The device also includes an 16-/8-bit parallel
• Internal Reference Buffer
interface.
• 64-Pin QFN Package
The ADS8254 is available in a 9 mm x 9 mm, 64-pin
QFN package and is characterized from -40°C to
85°C.
HIGH-SPEED SAR CONVERTER FAMILY
TYPE/SPEED
500 kHz
~600 kHz
750 kHz
1 MHz
1.25 MHz
2 MHz
3 MHz
4MHz
ADS8383
ADS8381
ADS8481
18-Bit Pseudo-Diff
ADS8380 (s)
ADS8382 (s)
ADS8284
ADS8484
18-Bit Pseudo-Bipolar, Fully Diff
ADS8482
ADS8327
ADS8370 (s)
ADS8371
ADS8471
ADS8401
ADS8411
16-Bit Pseudo-Diff
ADS8328
ADS8405
ADS8410 (s)
ADS8319
ADS8318
ADS8372 (s)
ADS8472
ADS8402
ADS8412
ADS8422
16-Bit Pseudo-Bipolar, Fully Diff
ADS8254
ADS8406
ADS8413 (s)
14-Bit Pseudo-Diff
ADS7890 (s)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7883
ADS7881
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825E TI1-ADS825E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com