Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8254IRGCR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS8254IRGCR
Szczegółowy opis  16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8254IRGCR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS8254IRGCR Datasheet HTML 5Page - Texas Instruments ADS8254IRGCR Datasheet HTML 6Page - Texas Instruments ADS8254IRGCR Datasheet HTML 7Page - Texas Instruments ADS8254IRGCR Datasheet HTML 8Page - Texas Instruments ADS8254IRGCR Datasheet HTML 9Page - Texas Instruments ADS8254IRGCR Datasheet HTML 10Page - Texas Instruments ADS8254IRGCR Datasheet HTML 11Page - Texas Instruments ADS8254IRGCR Datasheet HTML 12Page - Texas Instruments ADS8254IRGCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
PIN ASSIGNMENTS
33 34 35
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
36
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CH0P
CH0M
CH1P
CH1M
PD-RBUF
VEE
VCC
VCC
INP
AGND
37 38 39 40
15 14 13 12 11
16
10
8
7
6
9
41 42 43 44 45
5
4
3
2
1
46 47 48
QFNPACKAGE
(TOP VIEW)
INM
NC
CH2P
CH2M
CH3P
CH3M
DB8
+VBD
BGND
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
NC
NC
BUSY
+VBD
NC
ADS8254
ADS8254
www.ti.com................................................................................................................................................................................................... SLAS643 – MARCH 2009
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NO
NAME
MULTIPLEXER INPUT PINS
Non-inverting analog input for differential multiplexer channel number 0. Device performance is optimized for 50 ohm source
17
CH0P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 0. Device performance is optimized for 50 ohm source
18
CH0M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 1. Device performance is optimized for 50 ohm source
19
CH1P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 1. Device performance is optimized for 50 ohm source
20
CH1M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 2. Device performance is optimized for 50 ohm source
29
CH2P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 2. Device performance is optimized for 50 ohm source
30
CH2M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 3. Device performance is optimized for 50 ohm source
31
CH3P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 3. Device performance is optimized for 50 ohm source
32
CH3M
I
impedance at this input.
ADC INPUT PINS
25
INP
I
ADC Non inverting input., connect 1nF cap across INP and INM
27
INM
I
ADC Inverting input, connect 1nF cap across INP and INM
REFERENCE INPUT/ OUTPUT PINS
8, 9
REFM
I
Reference ground.
10
REFIN
I
Reference Input. Add 0.1-
µF decoupling capacitor between REFIN and REFM.
11
REFOUT
O
Reference Output. Add 1-
µF capacitor between the REFOUT pin and REFM pin when internal reference is used.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS8254


Podobny numer części - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825E TI1-ADS825E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS8254IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com