Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8284IRGCT Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS8284IRGCT
Szczegółowy opis  18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8284IRGCT Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS8284IRGCT Datasheet HTML 1Page - Texas Instruments ADS8284IRGCT Datasheet HTML 2Page - Texas Instruments ADS8284IRGCT Datasheet HTML 3Page - Texas Instruments ADS8284IRGCT Datasheet HTML 4Page - Texas Instruments ADS8284IRGCT Datasheet HTML 5Page - Texas Instruments ADS8284IRGCT Datasheet HTML 6Page - Texas Instruments ADS8284IRGCT Datasheet HTML 7Page - Texas Instruments ADS8284IRGCT Datasheet HTML 8Page - Texas Instruments ADS8284IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADS8284
www.ti.com................................................................................................................................................................................................... SLAS628 – MARCH 2009
SPECIFICATIONS (continued)
TA = –40°C to 85°C, VCC = 5 V, VEE = –5 V, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 4 V, fSAMPLE = 1 MSPS (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADS8284I
98.3
VIN = 4 Vpp at 2 kHz
dB
ADS8284IB
98.3
ADS8284I
97.2
Signal-to-noise + distortion
VIN = 4 Vpp at 10 kHz
dB
(SINAD)
ADS8284IB
97.2
ADS8284I
93.8
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8284IB
95.23
ADS8284I
121
VIN = 4 Vpp at 2 kHz
dB
ADS8284IB
121
ADS8284I
106
Spurious free dynamic
VIN = 4 Vpp at 10 kHz
dB
range (SFDR)
ADS8284IB
106
ADS8284I
101
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8284IB
101
–3dB small signal bandwidth
8
MHz
VOLTAGE REFERENCE INPUT (REFIN)
Reference voltage at REFIN, Vref
3.0
4.096
+VA – 0.8
V
Reference input current(6)
1
1
µA
INTERNAL REFERENCE OUTPUT (REFOUT)
Internal reference start-up time
From 95% (+VA), with 1-
µF storage capacitor
120
ms
Reference voltage range, Vref
4.081
4.096
4.111
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
60
µV
Drift
IO = 0
±6
PPM/°C
BUFFERED REFERENCE OUTPUT (BUF-REF)
Output current
REFIN = 4 V, at 85°C
70
mA
REFERENCE/2 OUTPUT (VCMO)
Output current
REFIN = 4 V, at +85°C
50
µA
ANALOG MULTIPLEXER
Number of channels
4
Channel to channel crosstalk
100 kHz i/p
–95
dB
Auto sequencer with selection of channel count or
Channel selection
manual selection through control lines
DIGITAL INPUT-OUTPUT
ADC CONTROL PINS
Logic Family-CMOS
VIH
IIH = 5 µA
+VBD–1
+VBD + 0.3
V
VIL
IIL = 5 µA
0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD–0.6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
MULTIPLEXER CONTROL PINS
Logic Family - CMOS
IIH
IIH = 5 µA
2.3
+VA +0.3
V
Logic level
IIL
IIL = 5 µA
–0.3
0.8
V
POWER CONTROL PINS
Logic Family - CMOS
VIH
IIH = 5 µA
2.3
+VA +0.3
V
Logic level
VIL
IIL = 5 µA
–0.3
0.8
V
POWER SUPPLY REQUIREMENTS
(6)
Can vary ±20%
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS8284


Podobny numer części - ADS8284IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284IRGCT TI1-ADS8284IRGCT Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
More results

Podobny opis - ADS8284IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com