Zakładka z wyszukiwarką danych komponentów |
|
DAC7568 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
DAC7568 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 58 page PIN CONFIGURATIONS 1 2 3 4 5 6 7 14 13 12 11 10 9 SCLK D IN GND V B OUT V D OUT V F OUT V H OUT SYNC AV DD V A OUT V C OUT V E OUT V G OUT V IN/V OUT REF REF DAC7568 DAC8168 8 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SCLK D IN GND V B OUT V D OUT V F OUT V H OUT CLR LDAC SYNC AV DD V A OUT V C OUT V E OUT V G OUT V IN/V OUT REF REF DAC7568 DAC8168 DAC8568 DAC7568 DAC8168 DAC8568 SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com PW PACKAGE PW PACKAGE TSSOP-16 TSSOP-14 (TOP VIEW) (TOP VIEW) PIN DESCRIPTIONS 16-PIN 14-PIN NAME DESCRIPTION 1 — LDAC Load DACs. Level-triggered control input (active low). This input is the frame synchronization signal for the input data. When SYNC goes low, it enables the input shift register, and data are sampled on subsequent 2 1 SYNC falling clock edges. The DAC output updates following the 32nd clock. If SYNC is taken high before the 31st clock edge, the rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the DAC7568/DAC8168/DAC8568. Schmitt-Trigger logic input. 3 2 AVDD Power-supply input, 2.7V to 5.5V 4 3 VOUTA Analog output voltage from DAC A 5 4 VOUTC Analog output voltage from DAC C 6 5 VOUTE Analog output voltage from DAC E 7 6 VOUTG Analog output voltage from DAC G VREFIN/ 8 7 Positive reference input / reference output 2.5V if internal reference used.(1) VREFOUT 9 — CLR Asynchronous clear input. 10 8 VOUTH Analog output voltage from DAC H 11 9 VOUTF Analog output voltage from DAC F 12 10 VOUTD Analog output voltage from DAC D 13 11 VOUTB Analog output voltage from DAC B 14 12 GND Ground reference point for all circuitry on the device Serial data input. Data are clocked into the 32-bit input shift register on each falling edge of the serial 15 13 DIN clock input. Schmitt-Trigger logic input. 16 14 SCLK Serial clock input. Data can be transferred at rates up to 50MHz. Schmitt-Trigger logic input. (1) Grades A and B, external VREFIN (max) ≤ AVDD; grades C and D, external VREFIN (max) ≤ AVDD/2. 6 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): DAC7568 DAC8168 DAC8568 |
Podobny numer części - DAC7568 |
|
Podobny opis - DAC7568 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |