Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1638 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części UC1638
Szczegółowy opis  Advanced PWM Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1638 Arkusz danych(HTML) 4 Page - Texas Instruments

  UC1638 Datasheet HTML 1Page - Texas Instruments UC1638 Datasheet HTML 2Page - Texas Instruments UC1638 Datasheet HTML 3Page - Texas Instruments UC1638 Datasheet HTML 4Page - Texas Instruments UC1638 Datasheet HTML 5Page - Texas Instruments UC1638 Datasheet HTML 6Page - Texas Instruments UC1638 Datasheet HTML 7Page - Texas Instruments UC1638 Datasheet HTML 8Page - Texas Instruments UC1638 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UC1638
UC2638
UC3638
Note 1: Oscillator triangle amplitude = 2.5 • PV
±AREF.
Note 2: Deadband =
±(REF − DB), referenced to COMP.
Note 3: Offset = AREFIN
− AREF.
AOUT1, BOUT1: AOUT1 and BOUT1 are open collector
output drivers capable of sinking 50mA. These outputs
can be pulled up to 60V maximum. With a few external
components, these outputs can drive the opposite high
side switches in a full bridge arrangement.
AOUT2, BOUT2: AOUT2 and BOUT2 are totem pole
output drivers capable of driving external power MOS-
FETs directly. The peak current ratings are
±500mA. An
integrated zener clamp limits the drive output amplitude
to approximately 14V to prevent MOSFET gate oxide
overstress. These outputs are configured to drive the
opposite low side switches in a full bridge arrangement.
AREF: The voltage on AREF is simply a buffered ver-
sion of the voltage on AREFIN. In single supply applica-
tions, AREF should be bypassed to VEE with a 0.1
µF
ceramic capacitor to provide a stable reference level for
the internal circuitry.
AREFIN: The voltage on AREFIN is generated inter-
nally by a 50% voltage divider tied between VCC and
VEE. As such, it provides the mid supply reference
needed for the oscillator, voltage amplifier, current am-
plifier and current limit comparators when operating in
single supply mode. A buffer amplifier is connected be-
tween AREFIN and AREF. In bipolar supply applications
AREFIN is usually connected to VEE, which disables
the buffer amplifier, and AREF is connected to 0V.
COMP: This is the output of the high slew rate error am-
plifier. The level on COMP modulates the controller duty
cycle via the PWM comparators and the oscillator ramp.
Compensation and DC gain setting resistors are con-
nected between COMP and INV.
CS-: This is the inverting input to the X5 current sense
amplifier. The common mode input range for this pin ex-
tends from VEE
−1V to VCC−4V. A low value resistor in
PIN DESCRIPTIONS
ELECTRICAL CHARACTERISTICS
Unless otherwise specified; VCC = 15V, VEE =–15V, CT = 680pF, RT = 3k,
VPVSET = 1.5V, VCOMP = 0V, VCSOUT = 0V, VDB = REF, VEXTREF = 0V, VSD =
VCC – 3V, TA =
−55°C to 125°C for the UC1638, −25°C to 85°C for the UC2638,
0°C to 70°C for the UC3638. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
X5 Amplifier
Gain
VID = 100mV to 400mV
4.75
5
5.25
V/V
Common Mode Rejection
VCS+,VCS
= AREF
±5V
50
65
dB
−3dB Bandwidth
300
400
kHz
Slew Rate Rising
.75
1.5
V/
µs
Slew Rate Falling
.75
1.5
V/
µs
Shutdown
Threshold
Ref. to VCC
− 1.9
− 2.25
− 2.5
V
Input Bias Current
VSD = SD Threshold
−0.5
−10
µA
Current Limit
Threshold Positive
Measured Between CS+ and CS-
400
500
600
mV
Threshold Negative
Measured Between CS+ and CS-
– 600
− 500
– 400
mV
Propagation Delay to Outputs
Overdrive = 200mV
150
250
ns
Deadband Adjust
Maximum Deadband
VDB =0V
±5V
Zero Deadband
VDB = REF
0
V
Deadband Adjustment Gain
VDB = 1V to 4V (Note 2)
± 0.9
± 1
± 1.2
V/V
Input Bias Current
VDB = VREF
3
15
µA
AREF Buffer
Gain
AREF / VCC
− VEE
0.49
0.5
0.51
V/V
Offset
(Note 3)
30
100
mV
(continued)


Podobny numer części - UC1638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results

Podobny opis - UC1638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com