Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-3501000JLFT25 Arkusz danych(PDF) 1 Page - IRC - a TT electronics Company.

Numer części GS-3501000JLFT25
Szczegółowy opis  Thick Film Semi-Precision Metal Glaze Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRCTT [IRC - a TT electronics Company.]
Strona internetowa  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GS-3501000JLFT25 Arkusz danych(HTML) 1 Page - IRC - a TT electronics Company.

  GS-3501000JLFT25 Datasheet HTML 1Page - IRC - a TT electronics Company. GS-3501000JLFT25 Datasheet HTML 2Page - IRC - a TT electronics Company. GS-3501000JLFT25 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
Electrical Data
GS-3 Series
Superior surge performance
Resistance range from 1
Ω - 3MΩ
Standard tolerances of ±1%, ±2%, ±5%
Power rating of 3W @25°C; 2W @70°C
Effective as carbon composite replacement
Environmental Data
GS-3 Series Issue October 2008 Sheet 1 of 3
Part
Number
Power Rating
(Watts)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Maximum
Operating
Voltage
(Volts)
Dielectric
Withstanding
Voltage
(Volts)
GS-3
2.0 (@ 70°C)
3.0 (@ 25°C)
1.0 - 3M
1, 2, 5
50 (>10
Ω)
100, 200 (
≤ 10Ω)
1000
1000
Test
Maximum
∆R Limits
MIL-R-26
MIL-R-10509D
MIL-R-22684
GS-3
TCR
±ppm/°C
30
100
200
100/50
Load life
0.5
1.0
2.0
2.0
Short term overload
0.20
0.50
0.50
0.20
Moisture
0.20
1.50
1.50
0.40
Temperature Cycling
0.20
0.50
-
0.20
Solder Effect
-
0.50
0.50
0.20
Termination Strength
0.10
0.20
0.50
0.10
Shock
0.10
0.50
0.50
0.10
Vibration
0.10
0.50
0.50
0.10
Operating Temperature
-55°C to +175°C
%
∆R
%
∆R
%
∆R
%
∆R
%
∆R
%
∆R
%
∆R
%
∆R


Podobny numer części - GS-3501000JLFT25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
GS-3501000JLF IRCTT-GS-3501000JLF Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results

Podobny opis - GS-3501000JLFT25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
   Semi-Precision Thick Film Chip Resistors
01-Jan-2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
CMH IRCTT-CMH Datasheet
238Kb / 3P
   Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com