Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3705 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części UC3705
Szczegółowy opis  High Speed Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC3705 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UC3705 Datasheet HTML 3Page - Texas Instruments UC3705 Datasheet HTML 4Page - Texas Instruments UC3705 Datasheet HTML 5Page - Texas Instruments UC3705 Datasheet HTML 6Page - Texas Instruments UC3705 Datasheet HTML 7Page - Texas Instruments UC3705 Datasheet HTML 8Page - Texas Instruments UC3705 Datasheet HTML 9Page - Texas Instruments UC3705 Datasheet HTML 10Page - Texas Instruments UC3705 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MECHANICAL DATA
MPDI001A – JANUARY 1995 – REVISED JUNE 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
P (R-PDIP-T8)
PLASTIC DUAL-IN-LINE
8
4
0.015 (0,38)
Gage Plane
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
MAX
0.430 (10,92)
4040082/D 05/98
0.200 (5,08) MAX
0.125 (3,18) MIN
5
0.355 (9,02)
0.020 (0,51) MIN
0.070 (1,78) MAX
0.240 (6,10)
0.260 (6,60)
0.400 (10,60)
1
0.015 (0,38)
0.021 (0,53)
Seating Plane
M
0.010 (0,25)
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001
For the latest package information, go to http://www.ti.com/sc/docs/package/pkg_info.htm


Podobny numer części - UC3705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3705 TI1-UC3705 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC3705D TI1-UC3705D Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC3705DTR TI1-UC3705DTR Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC3705J TI1-UC3705J Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC3705M TI1-UC3705M Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
More results

Podobny opis - UC3705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com