Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCH4T245 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AVCH4T245
Szczegółowy opis  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH4T245 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AVCH4T245 Datasheet HTML 4Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 5Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 9Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 10Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 11Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
74AVCH4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 August 2009
8 of 26
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
VOH
HIGH-level
output
voltage
VI = VIH or VIL
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
VCCO − 0.1
-
VCCO − 0.1
-
V
IO = −3 mA;
VCC(A) =VCC(B) = 1.1 V
0.85
-
0.85
-
V
IO = −6 mA;
VCC(A) =VCC(B) = 1.4 V
1.05
-
1.05
-
V
IO = −8 mA;
VCC(A) =VCC(B) = 1.65 V
1.2
-
1.2
-
V
IO = −9 mA;
VCC(A) =VCC(B) = 2.3 V
1.75
-
1.75
-
V
IO = −12 mA;
VCC(A) =VCC(B) = 3.0 V
2.3
-
2.3
-
V
VOL
LOW-level
output
voltage
VI = VIH or VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
0.1
-
0.1
V
IO = 3 mA;
VCC(A) =VCC(B) = 1.1 V
-
0.25
-
0.25
V
IO = 6 mA;
VCC(A) =VCC(B) = 1.4 V
-
0.35
-
0.35
V
IO = 8 mA;
VCC(A) =VCC(B) = 1.65 V
-
0.45
-
0.45
V
IO = 9 mA;
VCC(A) =VCC(B) = 2.3 V
-
0.55
-
0.55
V
IO = 12 mA;
VCC(A) =VCC(B) = 3.0 V
-
0.7
-
0.7
V
II
input leakage
current
nDIR, nOE input; VI =0Vor3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
±1-
±5
µA
IBHL
bus hold
LOW current
A or B port
[3]
VI = 0.49 V;
VCC(A) =VCC(B) = 1.4 V
15
-15-
µA
VI = 0.58 V;
VCC(A) =VCC(B) = 1.65 V
25
-25-
µA
VI = 0.70 V;
VCC(A) =VCC(B) = 2.3 V
45
-45-
µA
VI = 0.80 V;
VCC(A) =VCC(B) = 3.0 V
100
-90-
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max


Podobny numer części - 74AVCH4T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245BQ NEXPERIA-74AVCH4T245BQ Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245D NEXPERIA-74AVCH4T245D Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
More results

Podobny opis - 74AVCH4T245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com