Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2717 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części UC2717
Szczegółowy opis  Stepper Motor Drive Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2717 Arkusz danych(HTML) 2 Page - Texas Instruments

  UC2717 Datasheet HTML 1Page - Texas Instruments UC2717 Datasheet HTML 2Page - Texas Instruments UC2717 Datasheet HTML 3Page - Texas Instruments UC2717 Datasheet HTML 4Page - Texas Instruments UC2717 Datasheet HTML 5Page - Texas Instruments UC2717 Datasheet HTML 6Page - Texas Instruments UC2717 Datasheet HTML 7Page - Texas Instruments UC2717 Datasheet HTML 8Page - Texas Instruments UC2717 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UC1717
UC2717
UC3717
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
BOUT
2
Timing
3
VM
4
Gnd
5
N/C
6
Gnd
7
VCC
8
I1
9
Phase
10
N/C
11
I0
12
Current
13
VR
14
Gnd
15
N/C
16
Gnd
17
Vm
18
AOUT
19
Emitters
20
DIL-16 (TOP VIEW)
J or N Package
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS Unless otherwise specified, these specifications apply for VCC = 5V, TA = TJ.
PARAMETER
MIN
TYP
MAX
UNITS
Supply Voltage, VCC
4.75
5
5.25
V
Supply Voltage, VM
10
40
V
Output Current. IM
20
800
mA
Rise Time Logic Inputs, tR
2
µs
Fall Time Logic Inputs, tF
2
µs
Ambient Temperature, TA
UC1717
-55
125
°C
UC2717
-25
85
°C
UC3717
0
70
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, ICC
25
mA
High-Level Input Voltage, Pins 7, 8, 9
2.0
V
Low-Level Input Voltage, Pins 7, 8, 9
0.8
V
High-Level Input Current, Pins 7, 8, 9
VI = 2.4V
20
µA
Low Level Input Current, Pins 7, 8, 9
VI = 0.4V
-0.4
mA
Comparator Threshold Voltage
IO = 0, I1 = 0, VR = 5.0V
390
420
440
mV
IO = 1, I1 = 0, VR = 5.0V
230
250
270
mV
IO = 0, I1 = 1, VR = 5.0V
65
80
90
mV
Comparator Input Current
-20
20
µA
Output Leakage Current
IO = 1, I1 = 1, TA = +25°C
100
µA
Total Saturation Voltage Drop
IM = 500mA
4.0
V
Total Power Dissipation
IM = 500mA, fS = 30kHz
1.4
2.1
W
IM = 800mA, fS = 30kHz
2.9
3.1
W
Cut Off Time, tOFF
VM = 10V, tON
≥ 5µs (See Figure 5 and 6)
25
30
35
µs
Turn Off Delay, tD
TA = +25°C; dVc/dt
≥ 50mV/µs (See Figure 5 and 6)
1.6
2.0
µs
Thermal Shutdown Junction Temperature
+160
+180
°C
PLCC-20 (TOP VIEW)
Q Package
2


Podobny numer części - UC2717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2717 TI-UC2717 Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717 TI-UC2717 Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717J TI-UC2717J Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
UC2717J TI-UC2717J Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Podobny opis - UC2717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com