Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK433-730-E Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części STK433-730-E
Szczegółowy opis  2-channel class AB audio power IC, 30W30W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-730-E Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  STK433-730-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-730-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK433-730-E
No. A1249-3/12
[Remarks]
*1: Maximum ratings are limits beyond which damage to the device may occur.
Exceeding the maximum ratings, even momentarily, may cause damage to the hybrid IC.
In SANYO Semiconductor's test processes, operation at the maximum supply voltage is checked.
(Test conditions) VCC max (2)=±25V, RL=4Ω, f=1kHz, Po=15W, 1ch Drive, ton=25ms, Tc=25°C
*2: For 1-channel operation
*3: -Pre VCC (pin 1) must be connected to the lowest stable potential to prevent the current flowing into the pin 1 due to
reverse bias, etc.
*4: Thermal design must be implemented based on the conditions under which the customer’s end products are expected
to operate on the market.
*5: Use the hybrid IC so that the voltage applied to the stand-by pin (pin 13) never exceeds the maximum rating. The
power amplifier is turned on by applying +2.5V to +5.5V to the stand-by pin (pin 13).
*6: An output limiting circuit for substrate overheating is incorporated to protect the hybrid IC from the heat generation
exceeding the maximum rating. Thermal design must be implemented from the maximum loss Pd max and "Pd-Tc"
derating curve based on the conditions under which the customer's end products are expected to operate on the
market. When deviating from the "Pd-Tc" derating curve, the desired output is not obtained, but the prescribed
output is generated again by reducing the substrate temperature to within the recommended operating region.
*7: The load short-circuit protection is designed based on the specification test condition.
The load short-circuit protection circuit is activated when it has detected an overcurrent in the output transistors. So
if any deviation from the "Pd-Tc" derating curve occurs, the protection circuit is activated and the circuit shuts down
in order to protect the output transistors. When the load short-circuit protection circuit has been activated and the
circuit shuts down, approximately +6.2V of voltage will be placed at the MONITOR pin (pin 10) (normally 0V).
The protection circuit operation is released by establishing the stand-by mode (pin 13: 0V).
*8: The substrate temperature protection rating is the design guarantee value using the specification test circuit of
SANYO Semiconductor.
The output limiting circuit for substrate overheating (*6) and the load short-circuit protection circuit (*7) are the only
protection functions incorporated.
The thermal design and overcurrent protection level must be verified based on the conditions under which the
customer's end products are expected to operate on the market.
*9: A thermoplastic adhesive resin is used to secure the case and aluminum substrate. For this reason, the hybrid IC
must be fixed to the heat sink before soldering and mounted. The heat sink must be installed or removed at room
temperature.
*10: Use the designated transformer power supply circuit shown in the figure below for the measurement of allowable
load shorted time and output noise voltage level.
*11: Weight of independent hybrid IC: 12.2g
Outer box dimensions: 452(D)
× 325(W) × 192(H) mm
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VCC
-VCC
+
+
Designated transformer power supply
(MG-200 equivalent)


Podobny numer części - STK433-730-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
More results

Podobny opis - STK433-730-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK402-950 SANYO-STK402-950 Datasheet
578Kb / 6P
   5CH AB AUDIO POWER IC 30W X 5 CH
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com