Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12008 Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL12008
Szczegółowy opis  I2C Real Time Clock with Battery Backup
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12008 Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL12008 Datasheet HTML 7Page - Intersil Corporation ISL12008 Datasheet HTML 8Page - Intersil Corporation ISL12008 Datasheet HTML 9Page - Intersil Corporation ISL12008 Datasheet HTML 10Page - Intersil Corporation ISL12008 Datasheet HTML 11Page - Intersil Corporation ISL12008 Datasheet HTML 12Page - Intersil Corporation ISL12008 Datasheet HTML 13Page - Intersil Corporation ISL12008 Datasheet HTML 14Page - Intersil Corporation ISL12008 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6690.1
September 26, 2008
LEAP YEARS
Leap years add the day February 29 and are defined as those
years that are divisible by 4. Years divisible by 100 are not leap
years, unless they are also divisible by 400. This means that
the year 2000 is a leap year, the year 2100 is not. The
ISL12008 does not correct for the leap year in the year 2100.
Control and Status Registers
Addresses [07h to 0Bh]
The Control and Status Registers consist of the Status
Register, Interrupt and Alarm Register, Analog Trimming and
Digital Trimming Registers.
Status Register (SR) [Address 0Bh]
The Status Register is located in the memory map at
address 0Bh. This is a volatile register that provides either
control or status of RTC failure, battery mode, alarm trigger,
crystal oscillator status, ReSeal™ and auto reset of status
bits.
REAL TIME CLOCK FAIL BIT (RTCF)
This bit is set to a “1” after a total power failure. This is a read
only bit that is set by hardware (ISL12008 internally) when
the device powers up after having lost all power to the device
(both VDD and VBAT go to 0V). The bit is set regardless of
whether VDD or VBAT is applied first. The loss of only one of
the supplies does not set the RTCF bit to “1”. On power-up
after a total power failure, all registers are set to their default
states and the clock will not increment until at least one byte
is written to the clock register. The first valid write to the RTC
section after a complete power failure resets the RTCF bit to
“0” (writing one byte is sufficient).
BATTERY BIT (BAT)
This bit is set to a “1” when the device enters battery backup
mode. This bit can be reset either manually by the user or
automatically reset by enabling the auto-reset bit (see ARST
bit). A write to this bit in the SR can only set it to “0”, not “1”.
ALARM BIT (ALM)
These bits announce if the alarm matches the real time
clock. If there is a match, the respective bit is set to “1”. This
bit can be manually reset to “0” by the user or automatically
reset by enabling the auto-reset bit (see ARST bit). A write to
this bit in the SR can only set it to “0”, not “1”.
NOTE: An alarm bit that is set by an alarm occurring during an SR
read operation will remain set after the read operation is complete.
ReSeal (RESEAL)
The ReSeal™ enables the device enter into the InterSeal™
Battery Saver mode after manufacture testing for board
functionality. The factory default setting of this bit is “0”. The
RESEAL must be set to “0” to enable the battery function
during normal operation or full functional testing. To use the
ReSeal function, simply set RESEAL bit to “1” after the
testing is completed. It will enable the InterSeal™ Battery
Saver mode and prevents battery current drain before it is
first used.
AUTO RESET ENABLE BIT (ARST)
This bit enables/disables the automatic reset of the BAT,
ALM and TMR status bits only. When ARST bit is set to “1”,
these status bits are reset to “0” after a valid read of the
respective status register (with a valid STOP condition).
When the ARST is cleared to “0”, the user must manually
reset the BAT and ALM bits.
Interrupt Control Register (INT) [Address 08h]
LOW POWER MODE BIT (LPMODE)
This bit enables/disables low power mode. With
LPMODE = “0”, the device will be in normal mode and the
VBAT supply will be used when VDD < VBAT - VBATHYS and
VDD < VTRIP. With LPMODE = “1”, the device will be in low
power mode and the VBAT supply will be used when
VDD < VBAT -VBATHYS. There is a supply current saving of
about 600nA when using LPMODE = “1” with VDD = 5V.
(See “Typical Performance Curves” on page 6: IDD vs VCC
with LPMODE ON and OFF.)
ALARM ENABLE BIT (ALME)
This bit enables/disables the alarm function. When the ALME
bit is set to “1”, the alarm function is enabled. When the ALME
bit is cleared to “0”, the alarm function is disabled. ALME bit is
set to “0” at power-up.
Oscillator Fail Register (OF) [Address 09h]
OSCILLATOR FAIL BIT (OF)
This bit is set to a “1” when the X1 pin has no oscillation.
This bit can be reset when the X1 has crystal oscillation and
a write to “0”. This bit can only be written as “0” and not as a
“1”. The OF bit is set to “1” at power up from a complete
power down (VDD and VBAT are removed). Address 1, bit 7
TABLE 2. STATUS REGISTER (SR)
ADDR
7
6
5
4
3
2
1
0
0Bh
ARST
0
RESEAL
0
0
ALM BAT RTCF
Default
0
0
0
0
0
0
1
1
TABLE 3. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6
5
4
3210
08h
0
ALME
LPMODE
0
0000
Default
0
0
0
0
0000
TABLE 4. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6543210
09h
OF
000
0000
Default
1
0000000
ISL12008


Podobny numer części - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12008 INTERSIL-ISL12008 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z-T RENESAS-ISL12008IB8Z-T Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
More results

Podobny opis - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com