Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12057IBZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL12057IBZ
Szczegółowy opis  Low Cost and Low Power I2C RTC Real Time Clock/Calendar
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12057IBZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL12057IBZ Datasheet HTML 5Page - Intersil Corporation ISL12057IBZ Datasheet HTML 6Page - Intersil Corporation ISL12057IBZ Datasheet HTML 7Page - Intersil Corporation ISL12057IBZ Datasheet HTML 8Page - Intersil Corporation ISL12057IBZ Datasheet HTML 9Page - Intersil Corporation ISL12057IBZ Datasheet HTML 10Page - Intersil Corporation ISL12057IBZ Datasheet HTML 11Page - Intersil Corporation ISL12057IBZ Datasheet HTML 12Page - Intersil Corporation ISL12057IBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN6755.0
June 15, 2009
Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DW, DT, MO, YR)
These registers depict BCD representations of the time. As
such, SC (Seconds, address 00h) and MN (Minutes,
address 01h) range from 0 to 59, HR (Hour, address 02h)
can either be a 12-hour or 24-hour mode, DW (Day of the
Week, address 03h) is 1 to 7, DT (Date, address 04h) is 1 to
31, MO (Month, address 05h) is 1 to 12, and YR (Year,
address 06h) is 0 to 99.
The DW register provides a Day of the Week status and uses
3 bits DW2 to DW0 to represent the seven days of the week.
The counter advances in the cycle 1-2-3-4-5-6-7-1-2-…
The assignment of a numerical value to a specific day of the
week is arbitrary and may be decided by the system
software designer.
24-HOUR TIME
If the MIL bit of the HR register is “0”, the RTC uses a
24-hour format and bit 5 of the HR register is the second
10-hour bit (20–23 hours). If the MIL bit is “1”, the RTC uses
a 12-hour format and bit 5 of the HR register is the AM/PM
bit with logic high being PM. The clock defaults to 24-hour
format time.
CENTURY INDICATOR
The century bit (bit 7 of the MO register) is toggled when the
years register overflows from 99 to 00 to indicator the
change of century.
LEAP YEARS
Leap years add the day February 29 and are defined as those
years that are divisible by 4. Years divisible by 100 are not leap
years, unless they are also divisible by 400. This means that
the year 2000 is a leap year, the year 2100 is not. The
ISL12057 does not correct for the leap year in the year 2100.
Addresses [0Eh to 0Fh]
The Control and Status Registers consist of the Status
Register, Interrupt and Alarm Register.
TABLE 1. REGISTER MEMORY MAP
ADDR SECTION
REG
NAME
BIT
REG
7
6
5
43210
RANGE
DEFAULT
00H
RTC
SC
0
SC22
SC21
SC20
SC13
SC12
SC11
SC10
0-59
00h
01H
MN
0
MN22
MN21
MN20
MN13
MN12
MN11
MN10
0-59
00h
02H
HR
0
MIL
AM/PM
HR20
HR13
HR12
HR11
HR10
1-12
+AM/PM
00h
HR21
0-23
03H
DW
0
0
0
0
0
DW12
DW11
DW10
1-7
01h
04H
DT
0
0
DT21
DT20
DT13
DT12
DT11
DT10
1-31
01h
05H
MO
CENTUR
Y
0
0
MO20
MO13
MO12
MO11
MO10
0-12
+Century
01h
06h
YR
YR23
YR22
YR21
YR20
YR13
YR12
YR11
YR10
0-99
00h
07h
Alarm1
A1SC
A1M1
A1SC22
A1SC21
A1SC20
A1SC13
A1SC12
A1SC11
A1SC10
0-59
00h
08h
A1MN
A1M2
A1MN22
A1MN21
A1MN20
A1MN13
A1MN12
A1MN11
A1MN10
0-59
00h
09h
A1HR
A1M3
A1MIL
A1AM/PM
A1HR20
A1HR13
A1HR12
A1HR11
A1HR10
1-12
+AM/PM
00h
A1HR21
0-23
0Ah
A1DW/
DT
A1M4
A1DW/DT
0
0
0
A1DW12
A1DW11
A1DW10
1-7
00h
A1DT21
A1DT20
A1DT13
A1DT12
A1DT11
A1DT10
1-31
00h
0Bh
Alarm2
A2MN
A2M2
A2MN22
A2MN21
A2MN20
A2MN13
A2MN12
A2MN11
A2MN10
0-59
00h
0Ch
A2HR
A2M3
A2MIL
A2AM/PM
A2HR20
A2HR13
A2HR12
A2HR11
A2HR10
1-12
+AM/PM
00h
A2HR21
0-23
0Dh
A2DW/
DT
A2M4
A2DW/DT
0
0
0
A2DW12
A2DW11
A2DW10
1-7
00h
A2DT21
A2DT20
A2DT13
A2DT12
A2DT11
A2DT10
1-31
00h
0Eh
Control
INT
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
N/A
18h
0Fh
Status
SR
OSF
0
0
0
0
0
A2F
A1F
N/A
80h
ISL12057


Podobny numer części - ISL12057IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12057IBZ RENESAS-ISL12057IBZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
More results

Podobny opis - ISL12057IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com