Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12058 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL12058
Szczegółowy opis  Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12058 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL12058 Datasheet HTML 4Page - Intersil Corporation ISL12058 Datasheet HTML 5Page - Intersil Corporation ISL12058 Datasheet HTML 6Page - Intersil Corporation ISL12058 Datasheet HTML 7Page - Intersil Corporation ISL12058 Datasheet HTML 8Page - Intersil Corporation ISL12058 Datasheet HTML 9Page - Intersil Corporation ISL12058 Datasheet HTML 10Page - Intersil Corporation ISL12058 Datasheet HTML 11Page - Intersil Corporation ISL12058 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6756.0
June 15, 2009
IRQ/FOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or
frequency output pin. The IRQ/FOUT mode is selected via
the IRQE bit of the control register (address 08h). The
IRQ/FOUT is an open drain output and requires the use of a
pull-up resistor, and it can accept a pull-up voltage up to
5.5V.
This pin has a default output of 32.768kHz at power-up.
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action.
• Frequency Output Mode. The pin outputs a clock signal
which is related to the crystal frequency. The frequency
output is user selectable and enabled via the I2C bus.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the
device. The input buffer on this pin is always active (not gated).
The SCL pin can accept a logic high voltage up to 5.5V.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out
of the device. It has an open drain output and may be ORed
with other open drain or open collector outputs. The input
buffer is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor,
and it can accept a pull-up voltage up to 5.5V. The output
circuitry controls the fall time of the output signal with the use
of a slope controlled pull-down. The circuit is designed for
400kHz I2C interface speeds.
NOTE: Parts will work with SDA pull-up voltage above the VPULLUP
limit but the tAA and tFin the I
2C parameters are not guaranteed.
VDD, GND
Chip power supply and ground pins. The device will have full
operation with a power supply from 1.8V to 3.6V, and
timekeeping function with a power supply from 1.4V to 3.6V.
A 0.1µF decoupling capacitor is recommended on the VDD
pin to ground.
NC (No Connection)
The NC pin is not connected to the die. The pin can be
connected to GND or left floating.
Functional Description
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz quartz
crystal to maintain an accurate internal representation of
second, minute, hour, day of week, date, month, and year. The
RTC also has leap-year correction. The RTC also corrects for
months having fewer than 31 days and has a bit that controls
24 hour or AM/PM format. When the ISL12058 powers up after
the loss of VDD, the clock will not begin incrementing until at
least one byte is written to the clock register.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
~20ppm frequency deviation translates into an accuracy of
~1 minute per month. These parameters are available from
the crystal manufacturer.
Alarm Interrupt
The alarm interrupt mode is enabled by setting IRQE bit to
‘1’ with Alarm1 enables by setting ALM1E to ‘1’.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs, the
IRQ/FOUT pin will be pulled low and the alarm interrupt bit
(A1F) will be set to “1”.
NOTE: The A1F bit can be reset by the user or cleared automatically
using the Auto Reset mode (see ARST bit, address 07h). Alarm2
does not have hardware interrupt function.
Frequency Output Mode
The ISL12058 has the option to provide a frequency output
signal using the IRQ/FOUT pin. The frequency output mode
is set by using the FO bits to select 4 possible output
frequency values from 1Hz to 32.768kHz. The IRQE bit must
be set to ‘0’ for frequency output.
I2C Serial Interface
The ISL12058 has an I2C serial bus interface that provides
access to the real time clock registers, control and status
registers and the alarm registers. The I2C serial interface is
compatible with other industry I2C serial bus protocols using
a bi-directional data signal (SDA) and a clock signal (SCL).
Register Descriptions
The registers are accessible following a slave byte of
“1101111x” and reads or writes to addresses [00h:1Fh]. The
defined addresses and default values are described in
Table 1. Address 15h to 1Fh are not used. Reads or writes to
15h to 1Fh will not affect operation of the device but should
be avoided. For Page Write and Page Read operation, the
address will wrap around from address 1Fh to 00h.
REGISTER ACCESS
The contents of the registers can be modified by performing
a byte or a page write operation directly to any register
address.
The registers are divided into 3 sections. These are:
1. Real Time Clock (7 bytes): Address 00h to 06h.
2. Control and Status (2 bytes): Address 07h to 08h.
3. Alarm1 and Alarm2 (9 bytes): Address 0Ch to 14h.
There are no addresses above 1Fh.
ISL12058


Podobny numer części - ISL12058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12058 INTERSIL-ISL12058 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12058 INTERSIL-ISL12058 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
ISL12058IBZ RENESAS-ISL12058IBZ Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
ISL12058IBZ-T RENESAS-ISL12058IBZ-T Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
More results

Podobny opis - ISL12058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com