Zakładka z wyszukiwarką danych komponentów |
|
ISL12057IUZ-T Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL12057IUZ-T Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 17 page 2 FN6755.0 June 15, 2009 Block Diagram Ordering Information PART NUMBER PART MARKING VDD RANGE (V) TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL12057IBZ (Note 1) 12057 IBZ 1.4 to 3.6 -40 to +85 8 Ld SOIC M8.15 ISL12057IBZ-T* (Note 1) 12057 IBZ 1.4 to 3.6 -40 to +85 8 Ld SOIC (Tape and Reel) M8.15 ISL12057IUZ (Note 1) 12057 1.4 to 3.6 -40 to +85 8 Ld MSOP M8.118 ISL12057IUZ-T* (Note 1) 12057 1.4 to 3.6 -40 to +85 8 Ld MSOP (Tape and Reel) M8.118 ISL12057IRUZ-T* (Note 2) 057 1.4 to 3.6 -40 to +85 8 Ld µTDFN (Tape and Reel) L8.2x2 *Please refer to TB347 for details on reel specifications. NOTES: 1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. I2C INTERFACE RTC CONTROL LOGIC ALARM2 FREQUENCY OUT RTC DIVIDER SDA BUFFER CRYSTAL OSCILLATOR POR SCL BUFFER SDA SCL X1 X2 VDD IRQ1/ FOUT INTERNAL SUPPLY SECONDS MINUTES HOURS DAY OF WEEK DATE MONTH YEAR CONTROL REGISTERS ALARM1 IRQ2 ISL12057 |
Podobny numer części - ISL12057IUZ-T |
|
Podobny opis - ISL12057IUZ-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |