Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12082IB8Z Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL12082IB8Z
Szczegółowy opis  I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12082IB8Z Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL12082IB8Z Datasheet HTML 6Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 7Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 8Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 9Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 10Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 11Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 12Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 13Page - Intersil Corporation ISL12082IB8Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
FN6731.3
November 24, 2008
The ISL12082 has the ReSeal™ function, which allows the
device to enter into the InterSeal™ Battery Saver mode after
manufacture testing for board functionality. To use the
ReSeal™ function, simply set RESEAL bit to “1” (address
07h) after the testing is completed. It will enable the
InterSeal™ Battery Saver mode and prevents battery current
drain before it is first used.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of sub-second, second, minute, hour, day of week, date,
month, and year. The RTC also has leap-year correction.
The RTC also corrects for months having fewer than 31 days
and has a bit that controls 24 hour or AM/PM format. When
the ISL12082 powers up after the loss of both VDD and
VBAT, the clock will not begin incrementing until at least one
byte is written to the clock register.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover-temperature of the
crystal from the crystal’s nominal frequency. For example, a
~20ppm frequency deviation translates into an accuracy of
~1 minute per month. These parameters are available from
the crystal manufacturer. The ISL12082 provides on-chip
crystal compensation networks to adjust load capacitance to
tune oscillator frequency from -94ppm to +140ppm. For
more detailed information, see “Application Section” on
page 22.
Single Event and Interrupt
The alarm mode is enabled via the ALME bit (address 08h).
Choosing single event or interrupt alarm mode is selected
via the IM bit (address 08h). Note that when the frequency
output function is enabled, the alarm function is disabled.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs in
single event mode, an IRQ1/fOUT and/or IRQ2 pin will be
pulled low and the alarm status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring
alarm functionality. Hence, once the alarm is set, the device
will continue to alarm for each occurring match of the alarm
and present time. Thus, it will alarm as often as every minute
(if only the nth second is set) or as infrequently as once a
year (if at least the nth month is set). During pulsed interrupt
mode, the IRQ1/fOUT and/or IRQ2 pin will be pulled low for
210ms and the alarm status bit (ALM) will be set to “1”.
Note: The ALM bit can be reset by the user or cleared
automatically using the auto reset mode (see ARST bit,
address 07h).
The alarm function can be enabled/disabled during battery
backup mode using the FOBATB bit (address 08h). For more
information on the alarm, see “Alarm Registers” on page 14.
Frequency Output Mode
The ISL12082 has the option to provide a frequency output
signal using the IRQ/fOUT pin. The frequency output mode is
set by using the FO bits to select 4 possible output frequency
values from 1kHz to 32.768kHz. The frequency output can
be enabled/disabled during battery backup mode using the
FOBATB bit (address 08h).
I2C Serial Interface
The ISL12082 has an I2C serial bus interface that provides
access to the control and status registers and the user
SRAM. The I2C serial interface is compatible with other
industry I2C serial bus protocols using a bi-directional data
signal (SDA) and a clock signal (SCL).
Oscillator Compensation
The ISL12082 provides the option of timing correction due to
temperature variation of the crystal oscillator for either
manufacturing calibration or active calibration. The total
possible compensation is typically -94ppm to +140ppm. Two
compensation mechanisms that are available are as follows:
1. An analog trimming (ATR) register that can be used to
adjust individual on-chip digital capacitors for oscillator
capacitance trimming. The individual digital capacitor is
selectable from a range of 9pF to 40.5pF (based upon
32.758kHz). This translates to a calculated
compensation of approximately -34ppm to +80ppm. See
“ATR description” on page 22.
2. A digital trimming register (DTR) that can be used to
adjust the timing counter by -63ppm to +126ppm. See
“DTR description” on page 22.
Also provided is the ability to adjust the crystal capacitance
when the ISL12082 switches from VDD to battery backup
mode.
Register Descriptions
The battery-backed registers are accessible following a
slave byte of “1101111x” and reads or writes to addresses
[00h:1Fh]. The defined addresses and default values are
described in Table 1. Address 16h to 1Eh are not used.
Reads or writes to addresses 16h to 1Eh will not affect
operation of the device but should be avoided.
Register Access
The contents of the registers can be modified by performing
a byte or a page write operation directly to any register
address.
The registers are divided into 4 sections. These are:
1. Real Time Clock (8 bytes): Address 00h to 06h, and 1Fh,
with address 1Fh as read-only byte.
2. Control and Status (5 bytes): Address 07h to 0Bh.
ISL12082


Podobny numer części - ISL12082IB8Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12082IB8Z RENESAS-ISL12082IB8Z Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
ISL12082IB8Z-T RENESAS-ISL12082IB8Z-T Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
More results

Podobny opis - ISL12082IB8Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com