Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54217 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL54217
Szczegółowy opis  USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL54217 Datasheet HTML 1Page - Intersil Corporation ISL54217 Datasheet HTML 2Page - Intersil Corporation ISL54217 Datasheet HTML 3Page - Intersil Corporation ISL54217 Datasheet HTML 4Page - Intersil Corporation ISL54217 Datasheet HTML 5Page - Intersil Corporation ISL54217 Datasheet HTML 6Page - Intersil Corporation ISL54217 Datasheet HTML 7Page - Intersil Corporation ISL54217 Datasheet HTML 8Page - Intersil Corporation ISL54217 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN6817.3
May 4, 2009
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
1D+, 1D-, L, R, 2D+, 2D- . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
C0, C1 (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Output Voltages
COM-, COM+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
Continuous Current (L, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Peak Current (L, R)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±120mA
Continuous Current (1D-, 1D+, 2D-, 2D+) . . . . . . . . . . . . . . . ±40mA
Peak Current (1D-, 1D+, 2D-, 2D+)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
12 Ld µTQFN Package (Note 5) . . . . .
155
N/A
12 Ld TQFN Package (Notes 6, 7). . . .
58
1.0
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 4.6V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. Signals on C1 and C0 exceeding GND by specified amount are clamped. Limit current to maximum current ratings.
5.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V, VC0L, VC1L= 0.5V,
(Note 8), Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range, VANALOG
VDD = 3.0V to 3.6V, Audio Mode (C0 = VDD, C1 = VDD)
Full
-1.5
-
1.5
V
ON-Resistance, rON
VDD = 3.0V, Audio Mode (C0 = 1.4V, C1 = 1.4V),
ICOMx = 60mA, VL or VR = -0.85V to 0.85V, (see Figure 3,
Note 12)
+25
-
2.3
2.8
Ω
Full
-
-
3.4
Ω
rON Matching Between Channels,
ΔrON
VDD = 3.0V, Audio Mode (C0 = 1.4V, C1 = 1.4V),
ICOMx =60mA, VL or VR = Voltage at max rON over signal
range of -0.85V to 0.85V, (Notes 12, 13)
+25
-
0.04
0.25
Ω
Full
-
-
0.26
Ω
rON Flatness, rFLAT(ON)
VDD = 3.0V, Audio Mode (C0 = 1.4V, C1 = 1.4V),
ICOMx = 60mA, VL or VR = -0.85V to 0.85V, (Notes 11, 12)
+25
-
0.03
0.05
Ω
Full
-
-
0.07
Ω
Click/Pop Shunt Resistance, RL, RR VDD = 3.6V, ALL OFF Mode (C0 = 0.5V, C1 = 0.5V),
VCOM- or VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V,
0.85V, Measure current into L or R pin and calculate
resistance value.
+25
-
28
-
Ω
USB/DATA Switches (1D+, 1D-, 2D+, 2D-)
Analog Signal Range, VANALOG
VDD = 2.7V to 4.6V, USB1 mode (C0 = 0V, C1 = VDD) or
USB2 Mode (C0 = VDD, C1 = 0V)
Full
-1
-
VDD
V
ON-Resistance, rON
VDD = 2.7V, USB1 mode (C0 = 0.5V, C1 = 1.4V) or USB2
Mode (C0 = 1.4V, C1 = 0.5V), ICOMx = 40mA, VD+ or
VD = 0V to 400mV (see Figure 4, Note 12)
25
-
6.2
8
Ω
Full
-
-
10
Ω
rON Matching Between Channels,
ΔrON
VDD = 2.7V, USB1 mode (C0 = 0.5V, C1 = 1.4V) or USB2
Mode (C0 = 1.4V, C1 = 0.5V), ICOMx = 40mA, VD+ or
VD-= Voltage at max rON, (Notes 12, 13)
25
-
0.08
0.5
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
VDD = 2.7V, USB1 mode (C0 = 0.5V, C1 = 1.4V) or USB2
Mode (C0 = 1.4V, C1 = 0.5V), ICOMx = 40mA, VD+ or
VD-= 0V to 400mV, (Notes 11, 12)
25
-
0.26
1
Ω
Full
-
-
1.2
Ω
ISL54217


Podobny numer części - ISL54217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
More results

Podobny opis - ISL54217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com