Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54217IRTZ-T Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL54217IRTZ-T
Szczegółowy opis  USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRTZ-T Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL54217IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54217IRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN6817.3
May 4, 2009
2D+/2D- OFF Capacitance,
C2D+OFF, C2D-OFF
f = 1MHz, VDD = 3.3V, C0 = VDD, C1 = VDD, Tx or
Rx = COMx = 0V (see Figure 5)
25
-
3
-
pF
COM ON Capacitance, CCOM-(ON),
CCOM+(ON)
f = 1MHz, VDD = 3.0V, USB1 mode (C0 = 0V, C1 = VDD)
or USB2 Mode (C0 = VDD, C1 = 0V) (see Figure 5)
25
-
8
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
4.6
V
Positive Supply Current, IDD
(ALL OFF Mode)
VDD = 3.6V, C1 = GND, C0 = GND
25
-
6.2
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB1 Mode)
VDD = 3.6V, C1 = GND, C0 = VDD
25
-
6.5
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB2 Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.2
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, C0 = C1 = VDD)25
-
9
14
µA
Full
-
-
20
µA
Positive Supply Current, IDD
(MUTE Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.6
8
µA
Full
-
-
15
µA
Power OFF COMx Current, ICOMx
VDD = 0V, C0 = C1 = Float, COMx = 5.25V
25
-
-
1
µA
Power OFF Logic Current, IC0,IC1
VDD = 0V, C0 = C1 = 5.25V
25
-
11
-
µA
Power OFF D+/D- Current, IXD+, IXD- VDD = 0V, C0 = C1 = Float, XD- = XD+ = 5.25V
25
-
5
-
µA
DIGITAL INPUT CHARACTERISTICS
C0, C1 Voltage Low, VC0L, VC1L
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
C0, C1 Voltage High, VC0H, VC1H
VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
C0, C1 Input Current, IC0L, IC1L
VDD = 3.6V, C0 = C1= 0V or Float
Full
-50
6.2
50
nA
C0, C1 Input Current, IC0H, IC1H
VDD = 3.6V, C0 = C1= 3.6V
Full
-2
1.6
2
µA
C0, C1 Pull-Down Resistor, RCx
VDD = 3.6V, C0 = C1= 3.6V, Measure current into C0 or C1
pin and calculate resistance value.
Full
-
4
-
M
Ω
NOTES:
8. VLOGIC = Input voltage to perform proper function.
9. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
11. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
12. Limits established by characterization and are not production tested.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between L and R or between 1D+ and 1D- or between 2D+ and 2D-.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V, VC0L, VC1L= 0.5V,
(Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ISL54217


Podobny numer części - ISL54217IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54217IRTZ-T RENESAS-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

Podobny opis - ISL54217IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com