Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2765ER Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA2765ER
Szczegółowy opis  5-channel 3-LD Driver for Optical Disk Drive
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2765ER Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA2765ER Datasheet HTML 5Page - Sony Corporation CXA2765ER Datasheet HTML 6Page - Sony Corporation CXA2765ER Datasheet HTML 7Page - Sony Corporation CXA2765ER Datasheet HTML 8Page - Sony Corporation CXA2765ER Datasheet HTML 9Page - Sony Corporation CXA2765ER Datasheet HTML 10Page - Sony Corporation CXA2765ER Datasheet HTML 11Page - Sony Corporation CXA2765ER Datasheet HTML 12Page - Sony Corporation CXA2765ER Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CXA2765ER
- 9 -
<Serial Interface AC Characteristics>
8
SCLK operating range
Fser
20
MHz
9
SCLK “H” pulse width
Twhsc
13
ns
10
SCLK “L” pulse width
Twlsc
13
ns
11
SEN “L” time
Tel
26
ns
12
SEN rising edge to the
first SCLK falling edge
Tersf
15
ns
13
SDIO set up time
Tcds
15
ns
14
SDIO hold time
Tcdh
15
ns
15
Last SCLK rising edge to
SEN falling edge
Tsref
1/Fser
——
s
16
SCLK cycle time1
Tcc
50
ns
17
SDIO output delay
Tcdd
15
ns
18
SDIO output hold time
Tedh
5.1
ns
<CMOS Logic Input>
19
Input voltage High level
VSH
2.1
3.6
V
Pins 2, 4, 6, 8, 11, 12 and 15 to 18
20
Input voltage Low level
VSL
0
0.6
V
Pins 2, 4, 6, 8, 11, 12 and 15 to 18
21
Input current 1 (High level)
ISH1
51
72
120
μA
Pins 16 to 18 (VSH = 3.6V)
22
Input current 1 (Low level)
ISL1
–10
10
μA
Pins 16 to 18 (VSL = 0V)
23
Input current 2
IS2
–10
10
μA
Pins 2, 4, 6, 8, 11
24
Input current 3 (High level)
ISH3
–24
–14
–9
μA
Pin 12 (VSH = 3.6V)
25
Input current 3 (Low level)
ISL3
–84
–50
–35
μA
Pin 12 (VSL = 0V)
<CMOS Logic Output>
26
Output voltage High level
VOSH
2.8
3.3
V
Pin 15 (IOH = 3mA)
27
Output voltage Low level
VOSL
0
0.4
V
Pin 15 (IOL = 3mA)
28
VD3 voltage variance
VVD3
3.1
3.5
V
Pin 14
<Differential Input>
29
Input voltage range
VDR
0
3
V
Pins 2 to 11
30
Differential input amplitude
VDTH
0.2
1
V
Pins 2 to 11
31
Input current
ID
–10
10
μA
Pins 2 to 11
TEST
No.
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Tersf
Tcds
Tcc
Twhsc
Twlsc
Tsref
(HOST) SEN
(HOST) SDIO
Tcdh
50%
50%
20%
20%
20%
70%
70%
Tel
(HOST) SCLK
Tcdd
(CXA2765ER) SDIO
Serial Interface Timing
Tedh


Podobny numer części - CXA2765ER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2701GA SONY-CXA2701GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2716GA SONY-CXA2716GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
   PDIC for DVD-RW and RAM
More results

Podobny opis - CXA2765ER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
logo
Sony Corporation
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
logo
Panasonic Semiconductor
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8814SB PANASONIC-AN8814SB Datasheet
51Kb / 5P
   4-channel driver IC for optical disk drive
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Sanyo Semicon Device
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com