Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3785R Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3785R
Szczegółowy opis  Audio Driver for TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3785R Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3785R Datasheet HTML 1Page - Sony Corporation CXA3785R Datasheet HTML 2Page - Sony Corporation CXA3785R Datasheet HTML 3Page - Sony Corporation CXA3785R Datasheet HTML 4Page - Sony Corporation CXA3785R Datasheet HTML 5Page - Sony Corporation CXA3785R Datasheet HTML 6Page - Sony Corporation CXA3785R Datasheet HTML 7Page - Sony Corporation CXA3785R Datasheet HTML 8Page - Sony Corporation CXA3785R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
- 1 -
E08906
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3785R
Audio Driver for TV
Description
The CXA3785R is an integrated audio sub-system designed for TV audio application. It has a stereo
headphone amplifier, and 4 stereo amplifiers. It also integrated gain control, mute control, input selector, and
voltage detectors. Each settable value is controlled through I2C compatible interface.
Features
4 stereo audio amplifiers (HP, AMP1, AMP2, AMP3) with programmable gain control
Cap less headphone amplifier
2 amplifiers (HP and AMP1) with 3rd order LPF for PWM input
AMP3 with 2 stereo input multiplexer and LL/RR output
AMP4 for Digital Media Port (DMP) with differential input
4 voltage detection circuits for VUNREG (un-regulated power supply voltage), REGAUD (audio amp power
supply voltage), REG33 (DSP power supply voltage) and speaker output
3 muting circuits with external mute control and buffer transistor
REGAUD output for supply voltage of 4 stereo audio amplifiers and DMP
REG33 output for supply voltage of DSP and PWM output stage
I2C control
Package size: 64pin LQFP (Body size: 10mm
× 10mm)


Podobny numer części - CXA3785R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Podobny opis - CXA3785R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Sanyo Semicon Device
LA7953 SANYO-LA7953 Datasheet
166Kb / 7P
   Audio Controller for TV Use
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com