Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2843AD Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2843AD
Szczegółowy opis  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2843AD Arkusz danych(HTML) 2 Page - Texas Instruments

  UC2843AD Datasheet HTML 1Page - Texas Instruments UC2843AD Datasheet HTML 2Page - Texas Instruments UC2843AD Datasheet HTML 3Page - Texas Instruments UC2843AD Datasheet HTML 4Page - Texas Instruments UC2843AD Datasheet HTML 5Page - Texas Instruments UC2843AD Datasheet HTML 6Page - Texas Instruments UC2843AD Datasheet HTML 7Page - Texas Instruments UC2843AD Datasheet HTML 8Page - Texas Instruments UC2843AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
DIL-8, SOIC-8 (TOP VIEW)
J or N, D8 Package
CONNECTION DIAGRAMS
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1. All voltages are with respect to Ground, Pin 5. Currents
are positive into, negative out of the specified terminal. Consult
Packaging Section of Databook for thermal limitations and con-
siderations of packages. Pin numbers refer to DIL package only.
PLCC-20, LCC-20
(TOP VIEW)
Q, L Packages
Supply Voltage (Low Impedance Source) . . . . . . . . . . . . . . 30V
Supply Voltage (ICC mA) . . . . . . . . . . . . . . . . . . . . Self Limiting
Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1A
Output Energy (Capacitive Load). . . . . . . . . . . . . . . . . . . . . 5
µJ
Analog Inputs (Pins 2, 3). . . . . . . . . . . . . . . . . . . -0.3V to +6.3V
Error Amp Output Sink Current . . . . . . . . . . . . . . . . . . . . 10mA
Power Dissipation at TA
≤ 25°C (DIL-8) . . . . . . . . . . . . . . . . 1W
Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
SOIC-14 (TOP VIEW)
D Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Comp
2
N/C
3-4
VFB
5
N/C
6
ISENSE
7
N/C
8-9
RT/CT
10
N/C
11
Pwr Gnd
12
Gnd
13
N/C
14
Output
15
N/C
16
VC
17
VCC
18
N/C
19
VREF
20
N/C
VREF
VCC
OUTPUT
VCC
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
N/C
N/C
N/C
RT/CT
N/C
COMP
VFB
ISENSE
PWRGND
N/C
10
9
SOIC-WIDE16 (TOP VIEW)
DW Package


Podobny numer części - UC2843AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
UC2843AD MOTOROLA-UC2843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC2843AD ONSEMI-UC2843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Microsemi Corporation
UC2843AD MICROSEMI-UC2843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2843AD TI1-UC2843AD Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2843AD TI1-UC2843AD Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
More results

Podobny opis - UC2843AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com