Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6115ACBZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL6115ACBZ
Szczegółowy opis  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115ACBZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL6115ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6115ACBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6855.0
February 25, 2009
ISL6115AEVAL1Z Board
The ISL6115AEVAL1Z is default provided as a +12V high
side switch controller with the CR level set at ~2.5A. See
Figure 11 for ISL6115AEVAL1Z schematic and Table 3 for
BOM. Bias and load connection points are provided along
with test points for each IC pin.
With J1 installed the ISL6115A will be biased from the +12V
supply (VIN) being switched. Connect the load to VLOAD+.
PWRON pin pulls high internally enabling the ISL6115A if
not driven low via PWRON test point or J2.
With R3 = 1.24kΩ the CR Vth is set to 24.8mV and with the
10m
Ω sense resistor (R1) the ISL6115AEVAL1Z has a
nominal CR level of 2.5~A. The 0.01µF delay time to
latch-off capacitor results in a nominal 1ms before latch-off of
output after an OC event.
Reconfiguring the ISL6115AEVAL1Z board for a higher CR
level can be done by changing the RSENSE and/or RISET
resistor values as the provided FET is rated for a much
higher current.
FIGURE 12. IOC REGULATION and TURN-OFF
FIGURE 13. WOC TURN-OFF and RESTART
Typical Performance Curves (Continued)
VOUT
GATE
ILOAD
CTIM
VOUT
GATE
ILOAD
CTIM
FIGURE 14. ISL6115AEVAL1Z HIGH SIDE SWITCH
APPLICATION and PHOTOGRAPH
5
6
8
7
4
3
2
1
ISL6115A
U1
R3
R2
C1
C3
R4
J1
VBIAS
VIN
+12V
C2
R1
PWRON
VBIAS
AGND
VLOAD+
U2
VOUT
CTIM
J2
PGOOD
ISL6115A


Podobny numer części - ISL6115ACBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6115ACBZ INTERSIL-ISL6115ACBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115ACBZ RENESAS-ISL6115ACBZ Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Intersil Corporation
ISL6115ACBZ-T INTERSIL-ISL6115ACBZ-T Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115ACBZ-T RENESAS-ISL6115ACBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

Podobny opis - ISL6115ACBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com