Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW46 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części BDW46
Szczegółowy opis  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDW46 Arkusz danych(HTML) 1 Page - Motorola, Inc

  BDW46 Datasheet HTML 1Page - Motorola, Inc BDW46 Datasheet HTML 2Page - Motorola, Inc BDW46 Datasheet HTML 3Page - Motorola, Inc BDW46 Datasheet HTML 4Page - Motorola, Inc BDW46 Datasheet HTML 5Page - Motorola, Inc BDW46 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3–212
Motorola Bipolar Power Transistor Device Data
Darlington Complementary
Silicon Power Transistors
. . . designed for general purpose and low speed switching applications.
• High DC Current Gain – hFE = 2500 (typ.) @ IC = 5.0 Adc.
• Collector Emitter Sustaining Voltage @ 30 mAdc:
VCEO(sus) = 80 Vdc (min.) — BDW46
VCEO(sus) = 100 Vdc (min.) — BDW42/BDW47
• Low Collector Emitter Saturation Voltage
VCE(sat) = 2.0 Vdc (max.) @ IC = 5.0 Adc
VCE(sat) = 3.0 Vdc (max.) @ IC = 10.0 Adc
• Monolithic Construction with Built–In Base Emitter Shunt resistors
• TO–220AB Compact Package
MAXIMUM RATINGS
Rating
Symbol
BDW46
BDW42
BDW47
Unit
Collector–Emitter Voltage
VCEO
80
100
Vdc
Collector–Base Voltage
VCB
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
IC
15
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
85
0.68
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.47
_C/W
90
60
40
20
0
25
50
75
100
125
150
Figure 1. Power Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
80
70
50
30
10
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BDW42/D
© Motorola, Inc. 1995
BDW42
BDW46
BDW47
DARLINGTON
15 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
80 – 100 VOLTS
85 WATTS
*Motorola Preferred Device
CASE 221A–06
TO–220AB
*
*
NPN
PNP
REV 7


Podobny numer części - BDW46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
176Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
June, 2004 ??Rev. 11
BDW46 ONSEMI-BDW46 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW46 MOTOROLA-BDW46 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Inchange Semiconductor ...
BDW46 ISC-BDW46 Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Podobny opis - BDW46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com