Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68 Arkusz danych(PDF) 6 Page - Cypress Semiconductor

Numer części STK11C68
Szczegółowy opis  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68 Arkusz danych(HTML) 6 Page - Cypress Semiconductor

Back Button STK11C68 Datasheet HTML 2Page - Cypress Semiconductor STK11C68 Datasheet HTML 3Page - Cypress Semiconductor STK11C68 Datasheet HTML 4Page - Cypress Semiconductor STK11C68 Datasheet HTML 5Page - Cypress Semiconductor STK11C68 Datasheet HTML 6Page - Cypress Semiconductor STK11C68 Datasheet HTML 7Page - Cypress Semiconductor STK11C68 Datasheet HTML 8Page - Cypress Semiconductor STK11C68 Datasheet HTML 9Page - Cypress Semiconductor STK11C68 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 6 of 16
Capacitance
In the following table, the capacitance parameters are listed.[3]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 0 to 3.0V
8pF
COUT
Output Capacitance
7pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.[3]
Parameter
Description
Test Conditions
28-SOIC
28-CDIP
28-LCC
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA / JESD51.
TBD
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
TBD
°C/W
Figure 4. AC Test Loads
AC Test Conditions
5.0V
Output
30 pF
R1 480
Ω
R2
255
Ω
Input Pulse Levels .................................................... 0V to 3V
Input Rise and Fall Times (10% to 90%) ...................... <5 ns
Input and Output Timing Reference Levels .................... 1.5V
Note
3. These parameters are guaranteed by design and are not tested.
[+] Feedback


Podobny numer części - STK11C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK11C68-5C35M ETC-STK11C68-5C35M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Cypress Semiconductor
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Podobny opis - STK11C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com