Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK17T88-RF25 Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części STK17T88-RF25
Szczegółowy opis  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF25 Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button STK17T88-RF25 Datasheet HTML 6Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 9Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 10Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 11Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 12Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 13Page - Cypress Semiconductor STK17T88-RF25 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 10 of 22
Hardware STORE Cycle
Figure 11. Hardware STORE Cycle
Soft Sequence Commands
Figure 12. Soft Sequence Command
NO.
Symbols
Parameter
STK17T88
Units
Notes
Standard
Alternate
Min
Max
31
tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
µs14
32
tHLHX
Hardware STORE Pulse Width
15
ns
32
23
31
NO.
Symbols
Parameter
STK17T88
Units
Notes
Standard
Min
Max
33
tSS
Soft Sequence Processing Time
70
µs
15, 16
33
33
Notes
14. On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete
15. This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register command.
16. Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command
[+] Feedback


Podobny numer części - STK17T88-RF25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK17T88-RF25 SIMTEK-STK17T88-RF25 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF25 SIMTEK-STK17T88-RF25 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results

Podobny opis - STK17T88-RF25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com