Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK17TA8-RF25ITR Arkusz danych(PDF) 2 Page - Cypress Semiconductor

Numer części STK17TA8-RF25ITR
Szczegółowy opis  128k X 8 AutoStore nvSRAM with Real Time Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17TA8-RF25ITR Arkusz danych(HTML) 2 Page - Cypress Semiconductor

  STK17TA8-RF25ITR Datasheet HTML 1Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 2Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 3Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 4Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 5Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 6Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 7Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 8Page - Cypress Semiconductor STK17TA8-RF25ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
STK17TA8
Document #: 001-52039 Rev. **
Page 2 of 23
Pinouts
Figure 1. Pin Diagram - 48-PIn SSOP
VSS
A14
A12
A7
A6
DQ 0
DQ 1
VCC
DQ 2
A3
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ 7
DQ 6
VSS
A0
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
X1
X2
23
24
A5
INT
NC
NC
NC
NC
A4
48
47
46
45
VCC
HSB
NC
NC
W
NC
DQ 5
DQ 3
DQ 4
VRTCbat
VRTCcap
A16
A15
E
G
(TOP)
Pin Descriptions
Pin Name
IO Type
Description
A16-A0
Input
Address: The 17 address inputs select one of 131,072 bytes in the nvSRAM array or one of 16 bytes
in the clock register map
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM and RTC
E
Input
Chip Enable: The active low E input selects the device
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address location
selected on the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tri-state.
X1
Output
Crystal Connection, drives crystal on startup
X2
Input
Crystal Connection for 32.768 kHz crystal
VRTCcap
Power Supply Capacitor supplied backup RTC supply voltage (Left unconnected if VRTCbat is used)
VRTCbat
Power Supply Battery supplied backup RTC supply voltage (Left unconnected if VRTCcap is used)
VCC
Power Supply Power: 3.0V, +20%, -10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress. When pulled low external
to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor keeps this pin high if
not connected. (Connection Optional).
INT
Output
Interrupt Control: Can be programmed to respond to the clock alarm, the watchdog timer and the
power monitor. Programmable to either active high (push/pull) or active low (open-drain)
VCAP
Power Supply Autostore™ Capacitor: Supplies power to nvSRAM during power loss to store data from SRAM to
nonvolatile storage elements.
VSS
Power Supply Ground
NC
No Connect
Unlabeled pins have no internal connections.
Note
1. For detailed package size specifications, See “Package Diagrams” on page 22..
Relative PCB Area Usage[1]
[+] Feedback


Podobny numer części - STK17TA8-RF25ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25ITR SIMTEK-STK17TA8-RF25ITR Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Podobny opis - STK17TA8-RF25ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17TA8 ETC-STK17TA8 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com