Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14CA8-RF25ITR Arkusz danych(PDF) 7 Page - Cypress Semiconductor

Numer części STK14CA8-RF25ITR
Szczegółowy opis  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-RF25ITR Arkusz danych(HTML) 7 Page - Cypress Semiconductor

Back Button STK14CA8-RF25ITR Datasheet HTML 3Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 4Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 9Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 10Page - Cypress Semiconductor STK14CA8-RF25ITR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 7 of 16
AutoStore/POWER UP RECALL
t
Figure 10. AutoStore/POWER UP RECALL
Note
Read and Write cycles are ignored during STORE, RECALL, and while VCC is below VSWITCH.
NO.
Symbols
Parameter
STK14CA8
Units
Notes
Standard Alternate
Min
Max
22
tHRECALL
Power up RECALL Duration
20
ms
9
23
tSTORE
tHLHZ
STORE Cycle Duration
12.5
ms
10, 11
24
VSWITCH
Low Voltage Trigger Level
2.65
V
25
VCCRISE
VCC Rise Time
150
μs
Notes
9. tHRECALL starts from the time VCC rises above VSWITCH
10. If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE takes place
11. Industrial Grade devices require maximum 15 ms.
25
23
23
22
22
[+] Feedback


Podobny numer części - STK14CA8-RF25ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14CA8-RF25ITR SIMTEK-STK14CA8-RF25ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25ITR SIMTEK-STK14CA8-RF25ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Podobny opis - STK14CA8-RF25ITR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com