Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL945HD-423CM Arkusz danych(PDF) 2 Page - ADL Embedded Solutions

Numer części ADL945HD-423CM
Szczegółowy opis  Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADL [ADL Embedded Solutions]
Strona internetowa  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL945HD-423CM Arkusz danych(HTML) 2 Page - ADL Embedded Solutions

  ADL945HD-423CM Datasheet HTML 1Page - ADL Embedded Solutions ADL945HD-423CM Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel® Core2 Duo / CoreDuo /
Celeron M
L2-Cache:
2MB / 4MB
CPU dependent
Front Side Bus:
533/667 MHz
CPU dependent
U2500 - 533FSB / L2400, L7400, T7400 -
667FSB
CPU-Clock:
1.07GHz - 2.16GHz
Memory 200pin DDR2 SODIMM:
512MB - 4096MB
Video Controller:
945GME integrated Gen 3.5 engine
Intel® Graphics Media Accelerator 950
(Intel® GMA 950)
Video Memory:
8MB UMA / 224MB DVMT
Video Interfaces:
VGA-Analog, CRT, LVDS
Video Channel 1:
2048 x 1536
Video Channel 2:
1600 x 1200
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller:
INTEL – ICH7R – ext. PHY 82562GZ Intel 573E for 10/100/1000
AC97-Controller:
INTEL – ICH7R – AC97 V2.3
ALC655 Codec 5.1 Sound
SMBus-Controller:
INTEL – ICH7R – SMBus
USB2-Controller:
8 Ports V2.0
Resistive Touchscreen
Dedicated connector
Does not occupy existing COM or
USB ports.
Flash BIOS:
512KB
BIOS:
Award
Power Management Control:
ACPI / APM
EIDE-Controller:
PIO 1-4, UDMA 100*/66*/33
Primary Master/Slave
*requires 80 conductor cable
SATA Controller
Ports 1 and 2
1.5Gb/3.0Gb supported
HW-Monitor:
Winbond W83627HG
Audio Output:
Stereo Output and SPDif
5.1 Support
Audio Input:
Stereo-Line, Mic and SPDif
Keyboard / Mouse
PS/2-USB
COM1 - COM4
RS232
1x onboard, 3x internal connector
I2C Bus
Winbond 83627HG
SMBus
ICH7R
GPIO
Winbond 83627HG
x16 lines suported
PCI-Bus:
Mini-PCI interface
Power Supply:
100W ATX Interface +5, +12
(recommended)
Power consumption:
2.5 Amps - 11 Amps max @ +5V
CPU dependent
Operating Temperature:
(typ. ambient)
-25°C to +60°C
-40°C to +85°C available upon request
Provided CPU die is kept below 100°C at all
times with sufficient thermal path to dissipate
Dimensions:
147mm x 20mm x 102mm
3.5-inch form Factor
Weight: (gr)
TBD


Podobny numer części - ADL945HD-423CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADL945HD-423CM ADL-ADL945HD-423CM Datasheet
559Kb / 2P
   Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
More results

Podobny opis - ADL945HD-423CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD_15 Datasheet
559Kb / 2P
   Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
Protech Systems Co., Lt...
PMB-532LF PROTECHSYSTEMS-PMB-532LF Datasheet
874Kb / 2P
   Intel Core Duo / Celeron M Motherboard
logo
AAEON Technology
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
logo
AAEON Technology
GENE-9310 AAEON-GENE-9310 Datasheet
415Kb / 2P
   3.5??SubCompact Board With Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
   EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
541Kb / 2P
   Duo / Core Solo: 1.0GHz - 2.16GHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com