Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF392 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części BF392
Szczegółowy opis  High Voltage Transistors(NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF392 Arkusz danych(HTML) 1 Page - Motorola, Inc

  BF392 Datasheet HTML 1Page - Motorola, Inc BF392 Datasheet HTML 2Page - Motorola, Inc BF392 Datasheet HTML 3Page - Motorola, Inc BF392 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BF392
BF393
Unit
Collector – Emitter Voltage
VCEO
250
300
Vdc
Collector – Base Voltage
VCBO
250
300
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB =0)
BF392
BF393
V(BR)CEO
250
300
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
BF392
BF393
V(BR)CBO
250
300
Vdc
Emitter – Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
BF392
BF393
V(BR)EBO
6.0
6.0
Vdc
Collector Cutoff Current
(VCB = 200 Vdc, IE = 0)
BF392
(VCB = 200 Vdc, IE = 0)
BF393
ICBO
0.1
0.1
µAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
BF392
(VEB = 6.0 Vdc, IC = 0)
BF393
IEBO
0.1
0.1
µAdc
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
Order this document
by BF392/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BF392
BF393
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Podobny numer części - BF392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
BF392 MICRO-ELECTRONICS-BF392 Datasheet
139Kb / 2P
   NPN HIGH VOLTAGE VIDEO AMPLIFIERS
logo
TRANSYS Electronics Lim...
BF392 TEL-BF392 Datasheet
90Kb / 3P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF392 CDIL-BF392 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
New Jersey Semi-Conduct...
BF392 NJSEMI-BF392 Datasheet
78Kb / 2P
   NPN Silicon Planar High Voltage Transistors
logo
List of Unclassifed Man...
BF392 ETC-BF392 Datasheet
301Kb / 1P
   PNP OUTPUT TRANSISTOR
More results

Podobny opis - BF392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com