Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2152F-E2 Arkusz danych(PDF) 4 Page - Rohm

Numer części BU2152F-E2
Szczegółowy opis  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2152F-E2 Arkusz danych(HTML) 4 Page - Rohm

  BU2152F-E2 Datasheet HTML 1Page - Rohm BU2152F-E2 Datasheet HTML 2Page - Rohm BU2152F-E2 Datasheet HTML 3Page - Rohm BU2152F-E2 Datasheet HTML 4Page - Rohm BU2152F-E2 Datasheet HTML 5Page - Rohm BU2152F-E2 Datasheet HTML 6Page - Rohm BU2152F-E2 Datasheet HTML 7Page - Rohm BU2152F-E2 Datasheet HTML 8Page - Rohm BU2152F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
4/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BD7851FP (Unless otherwise noted, Ta=25℃, VCC=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power Supply Voltage
VDD
4.5
-
5.5
V
Input high-level Voltage
VIH
0.8×VCC
-
-
V
Input low-level Voltage
VIL
-
-
0.2×VCC
V
Output high-level Voltage
VOH
VCC-0.5
-
-
V
IOH=-1mA
Output low-level Voltage
VOL
-
-
0.5
V
IOL=1mA
Quiescent Current
ICC
-
0.7
1.0
mA
R=13kΩ
OUT1~OUT16:OFF
-
1.8
3.0
mA
R=1.3kΩ
OUT1~OUT16:OFF
-
4.0
6.5
mA
R=13kΩ
OUT1~OUT16:ON
-
30
40
mA
R=1.3kΩ
OUT1~OUT16:ON
Reference Current Output Current
(including the equation between
each bit)
Iolc1
48
55
62
mA
VOUT=2.0V, R=1.3kΩ
Iolc2
5.0
5.9
6.8
mA
VOUT=2.0V, R=13kΩ
Equation between each bit of
Reference Current Output Current
Δiolc
-
±1
±6
%
VOUTn=2.0V, R=1.3kΩ
(1bit : ON)
Change rate of reference current
output current for output voltage
IΔVCC
-
±1
±6
%/V
VOUT=2.0 to 3.0V,
R=1.3kΩ
Output Leak Current
IOH
-
0.01
0.8
μA
VOUT=10V
BU2152FS (Unless otherwise noted, Ta=25℃, VDD=2.7 to 5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Power Supply Voltage
VDD
2.7
-
5.5
V
Input high-level Voltage
VIH
2.0
-
-
V
VDD=5V
Input low-level Voltage
VIL
-
-
0.6
V
VDD=5V
Output high-level Voltage
VOH
VDD-1.5
-
-
V
IOH=-25mA
VDD-1.0
-
-
IOH=-15mA
VDD-0.5
-
-
IOH=-10mA
Output low-level Voltage
VOL
-
-
1.5
V
IOL=25mA
-
-
1.0
IOL=15mA
-
-
0.8
IOL=10mA
Quiescent Current
IDDST
-
-
5
μA
VIL=VSS, VIH=VDD
Input high-level Current
IIH
-
-
1
μA
Input low-level Current
IIL
-
-
1
μA


Podobny numer części - BU2152F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2152F-E2 ROHM-BU2152F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Podobny opis - BU2152F-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com