Zakładka z wyszukiwarką danych komponentów |
|
TCA1A155M8R Arkusz danych(PDF) 11 Page - Rohm |
|
TCA1A155M8R Arkusz danych(HTML) 11 Page - Rohm |
11 / 12 page TC Series A Case Tantalum capacitors Rev.D 11/11 The rush current is in inverse proportion to the ESR. Rush current The excessive rush current may cause a damage. Fig. 11 Max. rush current and ESR ESR Ω (100kHz) 33 μF 33 μF 100 μF tantalum capacitor aluminum electrolysis 4.7 μF 4.7 μF 100 10 1 0.1 0.1 1 10 100 47 μF Vpp=10V llimit=20A Pulse Width=500 μsec. Power OP Amp Slew Rate=10V/6 μs 22 μF 15 μF The rush current may be reduced by the protection resistors Fig. 12 Change in I max by protection resistors V (V) 100 10 1 R I = 0.476 +R V 0.1 0.1 1 10 100 I = SAMPLE 16V −3.3μF Pulse width=500 μsec Slew rate=10V −6μc Current limit=20A 0.25 1.0 2.0 5.0 0.476 V R=0 Ω 0.5 |
Podobny numer części - TCA1A155M8R |
|
Podobny opis - TCA1A155M8R |