Zakładka z wyszukiwarką danych komponentów |
|
TA305PA4K50KE Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co. |
|
TA305PA4K50KE Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co. |
|
1 / 1 page 54 Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com St andard p ar t number S for t a S erie S orderin G informa tion Part Number Part No. Prefix Suffix Part Number Part No. Prefix Suffix Part Number Part No. Prefix Suffix TA Series Power Chip® Thick Film on Alumina Substrate Dimensions (±.020 in. / ±.508mm) Series Wattage P Length L Height H TA203 3.0 0.200 / 5.08 0.50 / 12.70 0.60 / 15.24 TA303 3.0 0.300 / 7.62 0.50 / 12.70 0.60 / 15.24 TA205 5.0 0.200 / 5.08 0.50 / 12.70 1.00 / 25.40 TA305 5.0 0.300 / 7.62 0.50 / 12.70 1.00 / 25.40 TA605 5.0 0.600 / 15.24 1.00 / 25.40 0.50 / 12.70 TA805 5.0 0.800 / 20.32 1.00 / 25.40 0.50 / 12.70 TA207 7.5 0.200 / 5.08 0.75 / 19.05 1.00 / 25.40 TA307 7.5 0.300 / 7.62 0.75 / 19.05 1.00 / 25.40 TA310 10.0 0.300 / 7.62 1.00 / 25.40 1.00 / 25.40 TA810 10.0 0.800 / 20.32 1.00 / 25.40 1.00 / 25.40 TA025 25.0 1.90 / 48.3 2.220 / 56.39 1.170 / 29.70 TA050 50.0 1.90 / 48.3 2.220 / 56.39 2.270 / 57.60 TA100 100.0 4.10 / 104.1 4.420 / 112.27 2.270 / 57.60 H 0.020" / 0.51 mm typ. P L 0.150" / 3.8 mm ref. 0.200" / 5.08 mm 0.050" / 1.27 mm dia. finished pins 0.070" / 1.78 mm 0.040" / 1.02 mm 0.240" / 6.10 mm 0.300" / 7.62 mm 0.040" / 1.02 mm typ. Solder-coated phosphor bronze 3, 5, 7.5 & 10 watt 10, 25, 50 & 100 watt P L 0.07"/1.78mm H 0.17"/4.32mm 0.10"/2.54mm 0.02" x 0.015" Pins typical PC board Ohmite’s original Power Chip resistors feature our thick film on alumina substrate technol- ogy. These planar packages yield space saving, 10W/in2 power densities that require over 50% less board space than other radial packages. Convection cooling is maxi- mized by the planar package configuration which dissipates heat well above board level. Ohmite’s power chip resis- tors have a 125% higher oper- ating temperature range than competitive product of similar design. High temperature solder and in-process plat- ing keep terminations secure under self-heating effects by preventing re-flow from full power operation. Flexible packaging schemes make these resistors ideal for power supplies, audio ampli- fiers, video fly-back, and other power control applications. Fe A T ure S • High-Temp Terminal Construction • Wide Resistance Range • Low Inductance (50nH-100nH) • High Power Density • Easy to install. PC-mountable S P e C i F i CA T i ONS Material Substrate: Alumina Resistor: Thick Film Coating: Glass Terminals: Solder Plated Phosphor Bronze Thermal Conductivity: 20 Watts/Meter/°C Temperature Coefficient: 1 ohm 450 ppm/°C 1 to 100 Ω 100 ppm/°C 101 Ω and up 50 ppm/°C Electrical Tolerance: ±1%, ±5% and ±10% Power Rating: Based on 25°C free air Resistance Range: 0.25 ohm to 10M ohm. Consult factory for other values Maximum Operating Voltage: 350 VAC, 500 VDC through glass, 1000 VAC, 1500 VDC through substrate Overload: Five times rated power, as long as the one second aver- age dissipation does not exceed the wattage rating. ∆R: ±2%, 2000 hours Derating: 100% @ 25°C to 0% @ 350°C. Power Rating: 03 = 3 W 05 = 5 07 = 7.5 10 = 10 025 = 25 050 = 50 100 = 100 � � � � � � � � � � � � � Series Tolerance K = 10% J = 5% F = 1% Package: PA = pin terminals, std. for 3-10 W PW = wraparound, std. for 25-100 W Resistance Value ( Ω) R250 = 0.25 10R0 = 10.0 2K00 = 2,000 45K0 = 45,000 Pin spacing (on 3-10W models only) 2 = .2" 3 = .3" 8 = .8" RoHS compliant 0.25 –––R250J 1.00 –––1R00J 1.50 –––1R50J 2.00 –––2R00J 4.70 –––4R70J 5.00 –––5R00J 5.10 –––5R10J 7.50 –––7R50J 8.20 –––8R20J 10.00 –––10ROJ 11.00 –––11R0J 12.00 –––12R0J 15.00 –––15R0J 20.00 –––20R0J 24.00 –––24R0J 27.00 –––27R0J 33.00 –––33R0J 47.00 –––47R0J 50.00 –––50R0J 62.00 –––62R0J 68.00 –––68R0J 75.00 –––75R0J 100.00 –––100RJ 150.00 –––150RJ 200.00 –––200RJ 250.00 –––250RJ 270.00 –––270RJ 300.00 –––300RJ 470.00 –––470RJ 500.00 –––560 620.00 –––620RJ 680.00 –––680RJ 1,000.00 –––1K00J 1,500.00 –––1K50J 1,800.00 –––1K80J 2,000.00 –––2K00J 2,500.00 –––2K50J 3,000.00 –––3K00J 4,000.00 –––4K00J 4,700.00 –––4K70J 5,000.00 –––5K00J 5,100.00 –––5K10J 7,500.00 –––7K50J 10,000.00 –––10K0J 15,000.00 –––15K0J 18,000.00 –––18K0J 20,000.00 –––20K0J 30,000.00 –––30K0J 39,000.00 –––39K0J 50,000.00 –––50K0J 75,000.00 –––75K0J 100,000 –––100KJ 150,000 –––150KJ 200,000 –––200KJ = Most popular standard values, = Stock values, = Non-standard values subject to minimum handling charge per item Check product availability at www.ohmite.com |
Podobny numer części - TA305PA4K50KE |
|
Podobny opis - TA305PA4K50KE |