Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCA1A686K8R Arkusz danych(PDF) 3 Page - Rohm

Numer części TCA1A686K8R
Szczegółowy opis  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

TCA1A686K8R Arkusz danych(HTML) 3 Page - Rohm

  TCA1A686K8R Datasheet HTML 1Page - Rohm TCA1A686K8R Datasheet HTML 2Page - Rohm TCA1A686K8R Datasheet HTML 3Page - Rohm TCA1A686K8R Datasheet HTML 4Page - Rohm TCA1A686K8R Datasheet HTML 5Page - Rohm TCA1A686K8R Datasheet HTML 6Page - Rohm TCA1A686K8R Datasheet HTML 7Page - Rohm TCA1A686K8R Datasheet HTML 8Page - Rohm TCA1A686K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
3/11
Characteristics
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
−55
°C~+125°C
Maximum operating
temperature with no voltage
derating
+85
°C
Rated voltage (VDC)
20 25
16
10
6.3
4
Category voltage (VDC)
13 16
10
6.3
4
2.5
Surge voltage (VDC)
13
8
526
20
32
DC Leakage current
0.5
μA or 0.01CV whichever is greater
Shown in " Standard list "
Capacitance tolerance
Measuring frequency : 100±10kHz
Measuring voltage
: 0.5Vrms or less
Measuring circuit
: DC Equivalent series circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Resistance to
Soldering heat
Temperature
cycle
Moisture
resistance
There should be no significant abnormality.
The indications should be clear.
Appearance
ΔC / C
Df (tan
δ)
L.C.
Shall be satisfied the voltage on
" Standard list "
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Shall be satisfied the voltage on
" Standard list "
at 85
°C
at 125
°C
at 85
°C
Voltage : Rated voltage for 1min
Shall be satisfied allowance range.
±
10%, ±20%
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Less than initial limit
Voltage reduction when temperature exceeds
+85
°C
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
Dip in the solder bath
Solder temp
: 260±5
°C
Duration
: 5±0.5s
Repetition
: 1
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
Others
:
Within
±5% of initial value
There should be no significant abnormality.
The indications should be clear.
Appearance
ΔC / C
Df (tan
δ)
L.C.
Less than initial limit
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2°C and 90 to 95% RH,respectiveiy, for 500±12h
leave it at room
temperature for over 24h and then measure the
sample.
TCA0G686
:
Within
±15% of initial value
TCA0G107
:
Within
±20% of initial value
Others
:
Within
±10% of initial value
Others
:
Within
±10% of initial value
Others
:
Less than initial limit
There should be no significant abnormality.
The indications should be clear.
Appearance
ΔC / C
Df (tan
δ)
L.C.
Less than initial limit
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
Less than initial limit
TCA0G686
:
Within
±15% of initial value
Temp.
Time
1
2
3
4
Room temp.
Room temp.
3min.or less
3min.or less
30
±3min.
30
±3min.
−55 3°C
+−
125 2
°C
+−
TCA0G686
:
Within
±15% of initial value
TCA0J686
:
Within
±20% of initial value
TCA0G107
:
Within
±20% of initial value
TCA0G107
:
Within
±20% of initial value
TCA1A226
:
Within
±15% of initial value
TCA0J476
:
Within
±15% of initial value
TCA0G686
: Less than 150%
of initial limit
TCA0G107
: Less than 150%
of initial limit
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
TCA0J686
: Less than 150%
of initial limit
TCA0J686
:
Within
±20% of initial value
TCAP0J226 : Less than 150% of initial limit
Others
:
Less than initial limit


Podobny numer części - TCA1A686K8R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
TCA1A685K ROHM-TCA1A685K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A685M ROHM-TCA1A685M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A685M8R ROHM-TCA1A685M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

Podobny opis - TCA1A686K8R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com