Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4117A Arkusz danych(PDF) 6 Page - RHOPOINT COMPONENTS

Numer części 2N4117A
Szczegółowy opis  N-Channel Silicon Junction Field-Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RHOPOINT [RHOPOINT COMPONENTS]
Strona internetowa  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4117A Arkusz danych(HTML) 6 Page - RHOPOINT COMPONENTS

Back Button 2N4117A Datasheet HTML 2Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 3Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 4Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 5Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 6Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 7Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 8Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 9Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 10Page - RHOPOINT COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
B-26
01/99
2N6453, 2N6454
N-Channel Silicon Junction Field-Effect Transistor
¥ Audio Amplifiers
¥ Low-Noise, High Gain
Amplifiers
¥ Low-Noise Preamplifiers
Absolute maximum ratings at TA = 25¡C
2N6453
2N6454
Reverse Gate Source Voltage
– 20 V
– 25 V
Reverse Gate Drain Voltage
– 20 V
– 25 V
Continuous Forward Gate Current
10 mA
10 mA
Continuous Device Power Dissipation
360 mW
360 mW
Power Derating
2.88 mW/°C 2.88 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
At 25°C free air temperature:
2N6453
2N6454
Process NJ132L
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
– 25
V
IG = – 1 µA, VDS = ØV
– 0.1
nA
VGS = – 10V, VDS = ØV
Gate Reverse Current
IGSS
– 0.5
nA
VGS = – 15V, VDS = ØV
– 0.2
µA
VGS = – 10V, VDS = ØV
TA = 125°C
– 1
µA
VGS = – 15V, VDS = ØV
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.75 – 5 – 0.75 – 5
V
VDS = 10V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
15
50
15
50
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
| Yfs |
mS
VDS = 10V, ID = 5 mA
f = 1 kHz
Forward Transmittance
20
40
20
40
mS
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source
| Yos |
µS
VDS = 10V, ID = 5 mA
f = 1 kHz
Output Conductance
100
100
µS
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source
Ciss
pF
VDS = 10V, ID = 5 mA
f = 1 kHz
Input Capacitance
25
25
pF
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source Reverse
Crss
pF
VDS = 10V, ID = 5 mA
f = 1 kHz
Transfer Capacitance
55
pF
VDS = 10V, ID = 15 mA
f = 1 kHz
Equivalent Short Circuit
¯eN
5
10 nV/
√Hz V
DS = 10 V, ID = 5 mA
f = 10 kHz
Input Noise Voltage
3
8
nV/
√Hz V
DS = 10 V, ID = 5 mA
f = 1 kHz
Noise Figure
NF
1.5
2.5
dB
VDS = 10V, ID = 5 mA
f = 10 Hz
RG = 10 kΩ
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-26


Podobny numer części - 2N4117A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Calogic, LLC
2N4117A CALOGIC-2N4117A Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
2N4117A LINEAR-2N4117A Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
61Kb / 5P
   N-Channel JFETs
Rev. G, 28-Jun-04
logo
New Jersey Semi-Conduct...
2N4117A NJSEMI-2N4117A Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. G, 28-Jun-04
More results

Podobny opis - 2N4117A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com