Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM102061006PE Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co.

Numer części SM102061006PE
Szczegółowy opis  Precision Thick Film Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SM102061006PE Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co.

  SM102061006PE Datasheet HTML 1Page - Ohmite Mfg. Co. SM102061006PE Datasheet HTML 2Page - Ohmite Mfg. Co. SM102061006PE Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
68
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite’s Slim-Mox provides
stable performance for a wide
range of resistance values,
with voltage ratings up to 25K.
Low temperature coefficients
are available for high stability
circuit applications. The space-
saving planar package offers
and alternative to traditional
high voltage resistors.
Applic A tions
• HV power supplies
• Medical instrumentation
• Current pulse limiters
• Ionization chambers
Slim-Mox
precision thick Film planar
Fe A tures
• High dielectric & low outgassing
epoxy coating
• Low resistor noise
• Non inductive
• RoHS compliant
• Radial terminals
s peci F ic A tions
Material
Resistor Element: Thick film on
Alumina
Coating: Epoxy
Terminals: RoHS solder composi-
tion is 96% Sn, 3.5% Ag, 0.5%
Cu
B
A
C
0.1"
1.3"
typ.
E
B
A
D
C
0.1"
1.3"
typ.
Max.
ohmite
resistance
power operating Maximum
c
e
series
range (ohms) @25°c Voltage
ratio
±.025
±.025
SLIM-MOX103RD 1M to 5,000M 0.75W
5.0KV
5,000 : 1
0.60”/ 15.24
0.20”/ 5.08
SLIM-MOX104RD 1M to 5,000M 1.00W 10.0KV
5,000 : 1
0.90”/ 22.86
0.20”/ 5.08
SLIM-MOX106RD 1M to 5,000M 1.50W 12.0KV
5,000 : 1
1.40”/ 35.56
0.20”/ 5.08
SLIM-MOX108RD 1M to 5,000M 2.00W 15.0KV
5,000 : 1
1.90”/ 48.26
0.60”/ 15.24
SLIM-MOX204RD 1M to 5,000M 1.50W 10.0KV
5,000 : 1
0.90”/ 22.86
0.20”/ 5.08
SLIM-MOX206RD 1M to 5,000M 2.00W 12.0KV
5,000 : 1
1.40”/ 35.56
0.20”/ 5.08
SLIM-MOX208RD 1M to 5,000M 2.50W 20.0KV
5,000 : 1
1.90”/ 48.26
0.40”/ 10.16
SLIM-MOX210RD 1M to 5,000M 3.00W 25.0KV
5,000 : 1
2.40”/ 60.96
0.20”/ 5.08
SLIM-MOX306RD 1M to 5,000M 3.00W 12.0KV
5,000 : 1
1.40”/ 35.56
0.30”/ 7.62
SLIM-MOX308RD 1M to 5,000M 3.50W 20.0KV
5,000 : 1
1.90”/ 48.26
0.30”/ 7.62
SLIM-MOX310RD 1M to 5,000M 4.00W 25.0KV
5,000 : 1
2.40”/ 60.96
0.20”/ 5.08
SLIM-MOX408RD 1M to 5,000M 4.50W 20.0KV
5,000 : 1
1.90”/ 48.26
0.30”/ 7.62
SLIM-MOX410RD 1M to 5,000M 5.00W 25.0KV
5,000 : 1
2.40”/ 60.96
0.20”/ 5.08
Contact Ohmite for custom configurations.
Max.
capac-
ohmite
resistance
power operating
A max.
B max.
c ±0.025
D ±0.002 itance
series
range (ohms) @25°c Voltage
(in/mm)
(in/mm)
(in/mm)
(in/mm)
(pf)
SLIM-MOX100
100
Ω to 500M 0.25W
1.5KV
0.30” / 7.62
0.30” / 7.62
0.10” / 2.54
0.025” / 0.635 1.00
SLIM-MOX101 100
Ω to 1,000M 0.50W
2.0KV
0.34” / 8.64
0.33” / 8.38
0.20” / 5.08
0.025” / 0.635 1.00
SLIM-MOX102 200
Ω to 5,000M 1.00W
5.0KV
0.34” / 8.64 0.58” / 14.73
0.40” / 10.16
0.032” / 0.813 0.90
SLIM-MOX103 250
Ω to 5,000M 1.25W
7.5KV
0.34” / 8.64 0.83” / 21.08
0.60” / 15.24
0.032” / 0.813 0.75
SLIM-MOX104 500
Ω to 5,000M 1.50W 10.0KV 0.34” / 8.64 1.08” / 27.43 0.90” / 22.86 0.032” / 0.813 0.70
SLIM-MOX106 750
Ω to 5,000M 2.00W 15.0KV 0.34” / 8.64 1.58” / 40.13 1.40” / 35.56 0.032” / 0.813 0.65
SLIM-MOX108
1K to 5,000M 2.50W
20.0KV
0.34” / 8.64 2.08” / 52.83
1.90” / 48.26
0.032” / 0.813 0.60
SLIM-MOX202 500
Ω to 5,000M 1.50W
5.0KV 0.59” / 14.99 0.58” / 14.73
0.40” / 10.16
0.032” / 0.813 1.10
SLIM-MOX204
1K to 5,000M 2.00W
10.0KV 0.59” / 14.99 1.08” / 27.43
0.90” / 22.86
0.032” / 0.813 0.80
SLIM-MOX206
2K to 5,000M 2.50W
15.0KV 0.59” / 14.99 1.58” / 40.13
1.40” / 35.56
0.032” / 0.813 0.75
SLIM-MOX208
2K to 5,000M 3.00W
20.0KV 0.59” / 14.99 2.08” / 52.83
1.90” / 48.26
0.032” / 0.813 0.65
SLIM-MOX210
3K to 5,000M 3.50W
25.0KV 0.59” / 14.99 2.58” / 65.53
2.40” / 60.96
0.032” / 0.813 0.60
SLIM-MOX306
3K to 5,000M 3.50W
15.0KV 0.84” / 21.34 1.58” / 40.13
1.40” / 35.56
0.032” / 0.813 0.75
SLIM-MOX308
4K to 5,000M 4.00W
20.0KV 0.84” / 21.34 2.08” / 52.83
1.90” / 48.26
0.032” / 0.813 0.50
SLIM-MOX310
5K to 5,000M 4.50W
25.0KV 0.84” / 21.34 2.58” / 65.53
2.40” / 60.96
0.032” / 0.813 0.40
SLIM-MOX404
3K to 5,000M 3.00W
10.0KV 1.09” / 27.69 1.08” / 27.43
0.90” / 22.86
0.032” / 0.813 1.00
SLIM-MOX408
5K to 5,000M 5.00W
20.0KV 1.09” / 27.69 2.08” / 52.83
1.90” / 48.26
0.032” / 0.813 0.80
SLIM-MOX410
5K to 5,000M 5.50W
25.0KV 1.09” / 27.69 2.58” / 65.53
2.40” / 60.96
0.032” / 0.813 0.50
Contact Ohmite for custom configurations. *Maximum voltage and power rating determined by Ohm’s law: P=V2/R
Slim-Mox Divider
precision thick Film Voltage
Multiple taps are provided on
the Slim-Mox RD for use in
advanced circuit designs. Tight
ratio tolerances make these
resistors ideal for precision
applications requiring consis-
tent performance.
Fe A tures
• Custom configurations are
available. Contact Ohmite with
your specifications
• RoHS compliant
s peci F ic A tions
Material
Resistor: Thick film on Alumina
Electrical
Ratio tolerances: 0.5% to 5%
Temp. coefficient tracking:
TCR tracking to 10ppm and VCR
tracking to 1ppm
A complete description of the SLIM-MOX
Divider is required. EXAMPLE:
RT = 500MΩ 5%
R1 = 499.5MΩ 5%
R2 = 500KΩ 1%
Ratio = RT / R2 = 1,000: 1, 1%
To specify Slim-Mox Dividers,
please see our website at:
www.ohmite.com/dividers
Electrical
Resistance Range:
100 Ohms to 5,000M
Power Rating: 0.25W to
5.5W
Voltage Rating: 1.5KV to
25KV
Tolerance: 0.5% to 20%
Operating Temperature:
-55°C to +110°C
Temperature Coefficient:
See table on page 70


Podobny numer części - SM102061006PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
   Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D Datasheet
249Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
265Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_10 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results

Podobny opis - SM102061006PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com