Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU323A Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części BU323A
Szczegółowy opis  16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BU323A Arkusz danych(HTML) 1 Page - Motorola, Inc

  BU323A Datasheet HTML 1Page - Motorola, Inc BU323A Datasheet HTML 2Page - Motorola, Inc BU323A Datasheet HTML 3Page - Motorola, Inc BU323A Datasheet HTML 4Page - Motorola, Inc BU323A Datasheet HTML 5Page - Motorola, Inc BU323A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3–231
Motorola Bipolar Power Transistor Device Data
NPN Silicon Power Darlington
Transistor
The BU323A is a monolithic darlington transistor designed for automotive ignition,
switching regulator and motor control applications.
• VCE Sat Specified at –40_C = 2.0 V Max. at IC = 6 A.
• Photoglass Passivation for Reliability and Stability.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO(sus)
400
Vdc
Collector–Base Voltage
VCBO
600
Vdc
Emitter–Base Voltage
VEBO
8.0
Vdc
Collector Current — Continuous
Peak (1)
IC
10
16
Adc
Base Current — Continuous
IB
3.0
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
175
100
1.0
Watts
Watts
W/
_C
Operating and Storage Junction
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.0
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BU323A/D
© Motorola, Inc. 1995
BU323A
16 AMPERE PEAK
POWER TRANSISTOR
DARLINGTON NPN
SILICON
400 VOLTS
175 WATTS
CASE 1–07
TO–204AA
(TO–3)
COLLECTOR
EMITTER
BASE
≈ 1 k
≈ 30
REV 7


Podobny numer części - BU323A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GE Solid State
BU323A GESS-BU323A Datasheet
222Kb / 4P
   10-Ampere N-P-N Monolithic Darlington Power Transistors
logo
Inchange Semiconductor ...
BU323A ISC-BU323A Datasheet
82Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU323A SAVANTIC-BU323A Datasheet
118Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
BU323A SEME-LAB-BU323A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Savantic, Inc.
BU323A SAVANTIC-BU323A Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - BU323A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
logo
ON Semiconductor
BU323AP ONSEMI-BU323AP Datasheet
201Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
1996 REV 8
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com