Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS2300-CP Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS2300-CP
Szczegółowy opis  Fractional-N Clock Multiplier with Internal LCO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS2300-CP Datasheet HTML 4Page - Cirrus Logic CS2300-CP Datasheet HTML 5Page - Cirrus Logic CS2300-CP Datasheet HTML 6Page - Cirrus Logic CS2300-CP Datasheet HTML 7Page - Cirrus Logic CS2300-CP Datasheet HTML 8Page - Cirrus Logic CS2300-CP Datasheet HTML 9Page - Cirrus Logic CS2300-CP Datasheet HTML 10Page - Cirrus Logic CS2300-CP Datasheet HTML 11Page - Cirrus Logic CS2300-CP Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CS2300-CP
8
DS843F1
PLL PERFORMANCE PLOTS
Test Conditions (unless otherwise specified): VD = 3.3 V; TA = 25 °C (Commercial Grade); CL =15pF;
fCLK_OUT = 12.288 MHz; fCLK_IN = 12.288 MHz; Sample size = 10,000 points; Base Band Jitter (100 Hz to 40 kHz);
AuxOutSrc[1:0] =11.
1
10
100
1,000
10,000
0.1
1
10
100
1,000
10,000
Input Jitter Frequency (Hz)
1 Hz Bandwidth
128 Hz Bandwidth
1
10
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
Input Jitter Frequency (Hz)
1 Hz Bandwidth
128 Hz Bandwidth
Figure 2. CLK_IN Sinusoidal Jitter Tolerance
Figure 3. CLK_IN Sinusoidal Jitter Transfer
Samples size = 2.5M points; Base Band Jitter (10Hz to 40kHz).
Samples size = 2.5M points; Base Band Jitter (10Hz to 40kHz).
Figure 4. CLK_IN Random Jitter Rejection and Tolerance
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Input Jitter Level (nsec)
1 Hz Bandwidth
128 Hz Bandwidth
Unlock
Unlock


Podobny numer części - CS2300-CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP-CZZ CIRRUS-CS2300-CP-CZZ Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP-CZZR CIRRUS-CS2300-CP-CZZR Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
More results

Podobny opis - CS2300-CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com