Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS3001 Arkusz danych(PDF) 4 Page - Cirrus Logic

Numer części CS3001
Szczegółowy opis  Precision Low-voltage Amplifier; DC to 2 kHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Arkusz danych(HTML) 4 Page - Cirrus Logic

  CS3001_09 Datasheet HTML 1Page - Cirrus Logic CS3001_09 Datasheet HTML 2Page - Cirrus Logic CS3001_09 Datasheet HTML 3Page - Cirrus Logic CS3001_09 Datasheet HTML 4Page - Cirrus Logic CS3001_09 Datasheet HTML 5Page - Cirrus Logic CS3001_09 Datasheet HTML 6Page - Cirrus Logic CS3001_09 Datasheet HTML 7Page - Cirrus Logic CS3001_09 Datasheet HTML 8Page - Cirrus Logic CS3001_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS3001
CS3002
4
DS490F9
ABSOLUTE MAXIMUM RATINGS
2. TYPICAL PERFORMANCE PLOTS
Parameter
Min
Typ
Max
Unit
Supply Voltage
[(V+) - (V-)]
6.8
V
Input Voltage
V- -0.3
V+ +0.3
V
Storage Temperature Range
-65
+150
ºC
Noise vs. Frequency (Measured)
1
10
100
0.001
0.01
0.1
1
10
Frequency (Hz)
Figure 1. Noise vs. Frequency (Measured)
-100
-50
0
50
100
TIM E (Sec)
0
1
2
34
5
6
78
9
10
Figure 3. 0.01 Hz to 10 Hz Noise
1
1.5
2
2.5
3
-40
-20
0
2040
6080
Temperature (°C)
2.7 V
5V
6.7 V
Figure 5. Supply Current vs. Temperature, CS3001
1
10
100
1000
10
100
1K
10K
100K
1M
10M
Frequency (Hz)
Figure 2. Noise vs. Frequency
Time (1 Hour)
-100
-75
-50
-25
0
25
50
75
100
= 13 nV
σ
Figure 4. Offset Voltage Stability (DC to 3.2 Hz)
Temperature (°C)
2.7 V
6.7 V
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
Figure 6. Supply Current vs. Temperature, CS3002


Podobny numer części - CS3001_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

Podobny opis - CS3001_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001 Datasheet
287Kb / 16P
   PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com