Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4353-CNZR Arkusz danych(PDF) 5 Page - Cirrus Logic

Numer części CS4353-CNZR
Szczegółowy opis  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-CNZR Arkusz danych(HTML) 5 Page - Cirrus Logic

  CS4353-CNZR Datasheet HTML 1Page - Cirrus Logic CS4353-CNZR Datasheet HTML 2Page - Cirrus Logic CS4353-CNZR Datasheet HTML 3Page - Cirrus Logic CS4353-CNZR Datasheet HTML 4Page - Cirrus Logic CS4353-CNZR Datasheet HTML 5Page - Cirrus Logic CS4353-CNZR Datasheet HTML 6Page - Cirrus Logic CS4353-CNZR Datasheet HTML 7Page - Cirrus Logic CS4353-CNZR Datasheet HTML 8Page - Cirrus Logic CS4353-CNZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS803F1
5
CS4353
VA
17
Low Voltage Analog Power (Input) - Positive power supply for the analog section.
VBIAS
18
Positive Voltage Reference (Output) - Positive reference voltage for the internal DAC.
RESET
19
Reset (Input) - Optional connection for an external reset control. The device enters a powered-down
state when this pin is set low (GND) OR when the VCP supply falls below the Voff threshold (see See
“Internal Power-on Reset Threshold Voltages” on page 10.). This pin should be set high (VL) during nor-
mal operation.
1_2VRMS
20
1 or 2 VRMS Select (Input) - Selects the analog output full-scale voltage. Setting this pin low (GND)
selects 1 VRMS, while setting it high (VL) selects 2 VRMS.
DEM
21
De-emphasis (Input) - Selects the standard 50
μs/15 μs digital de-emphasis filter response for 44.1 kHz
sample rates when enabled.
I²S/LJ
22
Digital Interface Format (Input) - Selects the serial audio interface format. Setting this pin low (GND)
selects I²S, while setting it high (VL) selects Left-Justified.
LRCK
23
Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
SDIN
24
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
Thermal Pad
-
Thermal Relief Pad - This pad may be soldered to the board, however it MUST be electrically isolated
from all board connections.


Podobny numer części - CS4353-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Podobny opis - CS4353-CNZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com