Zakładka z wyszukiwarką danych komponentów |
|
CDB4362A Arkusz danych(PDF) 1 Page - Cirrus Logic |
|
CDB4362A Arkusz danych(HTML) 1 Page - Cirrus Logic |
1 / 50 page Copyright © Cirrus Logic, Inc. 2009 (All Rights Reserved) http://www.cirrus.com 114 dB, 192 kHz 6-Channel D/A Converter Features Advanced Multi-bit Delta Sigma Architecture 24-bit Conversion Up to 192 kHz Sample Rates 114 dB Dynamic Range -100 dB THD+N Direct Stream Digital® (DSD™) Mode On-chip 50 kHz Filter Matched PCM and DSD Analog Output Levels Selectable Digital Filters Volume Control with 1 dB Step Size and Soft Ramp Low Clock-jitter Sensitivity +5 V Analog Supply, +2.5 V Digital Supply Separate 1.8 to 5 V Logic Supplies for the Control & Serial Ports Description The CS4362A is a complete 6-channel digital-to-analog system. This D/A system includes digital de-emphasis, 1 dB step size volume control, ATAPI channel mixing, selectable fast and slow digital interpolation filters fol- lowed by an oversampled, multi-bit delta-sigma modulator which includes mismatch shaping technolo- gy that eliminates distortion due to capacitor mismatch. Following this stage is a multi-element switched capac- itor stage and low-pass filter with differential analog outputs. The CS4362A also has a proprietary DSD processor which allows for 50 kHz on-chip filtering without an in- termediate decimation stage. The CS4362A is available in a 48-pin LQFP package in both Commercial (-40°C to +85°C) and Automotive grades (-40°C to +105°C). The CDB4362A Customer Demonstration board is also available for device evaluation and implementation sug- gestions. Please see “Ordering Information” on page 48 for complete details. The CS4362A accepts PCM data at sample rates from 4 kHz to 216 kHz, DSD audio data, and delivers excel- lent sound quality. These features are ideal for multi- channel audio systems including SACD players, A/V re- ceivers, digital TV’s, mixing consoles, effects processors, sound cards, and automotive audio systems. Control Port Supply = 1.8 V to 5 V Register/Hardware Configuration Internal Voltage Reference Reset Digital Supply = 2.5 V Hardware Mode or I 2C/SPI Software Mode Control Data Analog Supply = 5 V Six Channels of Differential Outputs PCM Serial Audio Input Volume Controls Digital Filters Switch-Cap DAC and Analog Filters Multi-bit ∆Σ Modulators DSD Audio Input DSD Processor -50 kHz filter External Mute Control Mute Signals Serial Audio Port Supply = 1.8 V to 5 V 6 6 6 6 CS4362A JAN '09 DS617F2 |
Podobny numer części - CDB4362A |
|
Podobny opis - CDB4362A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |